전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7553IRGTT 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC7553IRGTT
상세설명  12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7553IRGTT 데이터시트(HTML) 10 Page - Texas Instruments

Back Button DAC7553IRGTT Datasheet HTML 6Page - Texas Instruments DAC7553IRGTT Datasheet HTML 7Page - Texas Instruments DAC7553IRGTT Datasheet HTML 8Page - Texas Instruments DAC7553IRGTT Datasheet HTML 9Page - Texas Instruments DAC7553IRGTT Datasheet HTML 10Page - Texas Instruments DAC7553IRGTT Datasheet HTML 11Page - Texas Instruments DAC7553IRGTT Datasheet HTML 12Page - Texas Instruments DAC7553IRGTT Datasheet HTML 13Page - Texas Instruments DAC7553IRGTT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
200
250
300
350
400
−40
−10
20
50
80
110
VDD = 5.5 V,
VREF = 4.096 V
VDD = 2.7 V,
VREF = 2.5 V
All Channels Powered, No Load
TA − Free-Air Temperature − °C
200
250
300
350
400
2.7
3.1
3.4
3.8
4.1
4.5
4.8
5.2
5.5
VDD − Supply Volatge − V
All DACs Powered,
No Load,
VREF = 2.5 V
0
500
1000
1500
2000
253
264
275
286
297
308
319
330
341
IDD − Current Consumption − mA
VDD = 5.5 V,
VREF = 4.096 V
VLOGIC − Logic Input Voltage − V
0
400
800
1200
1600
0
1
2
3
4
5
TA = 255C, SCL Input
(All Other Inputs = GND)
VDD = 5.5 V,
VREF = 4.096 V
VDD = 2.7 V,
VREF = 2.5 V
DAC7553
SLAS477 – SEPTEMBER 2005
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 14.
Figure 15.
SUPPLY CURRENT
HISTOGRAM OF CURRENT CONSUMPTION - 5.5 V
vs
LOGIC INPUT VOLTAGE
Figure 16.
Figure 17.
10


유사한 부품 번호 - DAC7553IRGTT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7553IRGTT TI-DAC7553IRGTT Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC7553IRGTT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com