전자부품 데이터시트 검색엔진 |
|
CD74AC175-MIL 데이터시트(PDF) 2 Page - Texas Instruments |
|
CD74AC175-MIL 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 13 page CD74AC175 QUADRUPLE D-TYPE FLIP-FLOP WITH CLEAR SCHS347 – APRIL 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) 1Q 9 1 C1 1D CLR CLK 1D R 1Q To Three Other Channels 4 2 3 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 6 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0 V or VI > VCC) (see Note 1) ±20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0 V or VO > VCC) (see Note 1) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous output current, IO (VO > 0 V or VO < VCC) ±50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous current through VCC or GND ±200 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2) 73 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions (see Note 3) TA = 25°C –55 °C to 125 °C –40 °C to 85 °C UNIT MIN MAX MIN MAX MIN MAX VCC Supply voltage 1.5 5.5 1.5 5.5 1.5 5.5 V VCC = 1.5 V 1.2 1.2 1.2 VIH High-level input voltage VCC = 3 V 2.1 2.1 2.1 V VCC = 5.5 V 3.85 3.85 3.85 VCC = 1.5 V 0.3 0.3 0.3 VIL Low-level input voltage VCC = 3 V 0.9 0.9 0.9 V VCC = 5.5 V 1.65 1.65 1.65 VI Input voltage 0 VCC 0 VCC 0 VCC V VO Output voltage 0 VCC 0 VCC 0 VCC V IOH High-level output current VCC = 4.5 V to 5.5 V –24 –24 –24 mA IOL Low-level output current VCC = 4.5 V to 5.5 V 24 24 24 mA ∆t/∆v Input transition rise or fall rate VCC = 1.5 V to 3 V 50 50 50 ns/V ∆t/∆v Input transition rise or fall rate VCC = 3.6 V to 5.5 V 20 20 20 ns/V NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
유사한 부품 번호 - CD74AC175-MIL |
|
유사한 설명 - CD74AC175-MIL |