전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7565 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC7565
상세설명  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7565 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DAC7565 Datasheet HTML 5Page - Texas Instruments DAC7565 Datasheet HTML 6Page - Texas Instruments DAC7565 Datasheet HTML 7Page - Texas Instruments DAC7565 Datasheet HTML 8Page - Texas Instruments DAC7565 Datasheet HTML 9Page - Texas Instruments DAC7565 Datasheet HTML 10Page - Texas Instruments DAC7565 Datasheet HTML 11Page - Texas Instruments DAC7565 Datasheet HTML 12Page - Texas Instruments DAC7565 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Time(2s/div)
12 V(peak-to-peak)
m
300
250
200
150
0
1M
100
1k
10k
100k
10
Frequency(Hz)
ReferenceUnbuffered
C
=0 F
REF
m
100
50
C
=4.8 F
REF
m
2.505
2.504
2.495
25
-15
-5
15
-25
I
(mA)
LOAD
2.503
2.501
2.502
+25°C
+120 C
°
-40°C
2.500
2.496
2.497
2.498
2.499
5
-20
-10
0
10
20
2.505
2.504
2.495
25
-15
-5
15
-25
I
(mA)
LOAD
2.503
2.501
2.502
2.500
2.496
2.497
2.498
2.499
5
-20
-10
0
10
20
+25°C
-40°C
+120°C
2.503
2.502
2.501
2.498
5.5
3.0
3.5
4.0
2.5
AV
(V)
DD
2.500
4.5
5.0
+120 C
°
+25 C
°
-
°
40 C
2.499
2.503
2.502
2.501
2.498
5.5
3.0
3.5
4.0
2.5
AV
(V)
DD
2.500
4.5
5.0
+120 C
°
+25 C
°
-
°
40 C
2.499
DAC8564
www.ti.com
SBAS403D
– JUNE 2007 – REVISED MAY 2011
TYPICAL CHARACTERISTICS: Internal Reference (continued)
At TA = +25°C, unless otherwise noted.
INTERNAL REFERENCE NOISE DENSITY
INTERNAL REFERENCE NOISE
vs
FREQUENCY
0.1Hz TO 10Hz
Figure 7.
Figure 8.
INTERNAL REFERENCE VOLTAGE
INTERNAL REFERENCE VOLTAGE
vs
vs
LOAD CURRENT (Grades C and D)
LOAD CURRENT (Grades A and B)
Figure 9.
Figure 10.
INTERNAL REFERENCE VOLTAGE
INTERNAL REFERENCE VOLTAGE
vs
vs
SUPPLY VOLTAGE (Grades C and D)
SUPPLY VOLTAGE (Grades A and B)
Figure 11.
Figure 12.
Copyright
© 2007–2011, Texas Instruments Incorporated
9


유사한 부품 번호 - DAC7565

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI1-DAC7565 Datasheet
750Kb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
DAC7565A TI-DAC7565A Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565C TI-DAC7565C Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565IAPW TI-DAC7565IAPW Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results

유사한 설명 - DAC7565

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC8565ICPWG4 TI1-DAC8565ICPWG4 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8551IADGKRG4 TI1-DAC8551IADGKRG4 Datasheet
1,009Kb / 26P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com