전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC60004IDMDT 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC60004IDMDT
상세설명  Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC60004IDMDT 데이터시트(HTML) 1 Page - Texas Instruments

  DAC60004IDMDT Datasheet HTML 1Page - Texas Instruments DAC60004IDMDT Datasheet HTML 2Page - Texas Instruments DAC60004IDMDT Datasheet HTML 3Page - Texas Instruments DAC60004IDMDT Datasheet HTML 4Page - Texas Instruments DAC60004IDMDT Datasheet HTML 5Page - Texas Instruments DAC60004IDMDT Datasheet HTML 6Page - Texas Instruments DAC60004IDMDT Datasheet HTML 7Page - Texas Instruments DAC60004IDMDT Datasheet HTML 8Page - Texas Instruments DAC60004IDMDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
VOUTA
DAC
Register
DAC
Buffer
BUF
REF
BUF
Channel A
Channel B
Channel C
Channel D
Power Down Logic
Resistive Network
Power On Reset
DACx0004
VOUTB
VOUTC
VOUTD
REFIN
SCLK
SDIN
SYNC
GND
VDD
DAC
SDO
CLR
LDAC
POR
Copyright © 2016, Texas Instruments Incorporated
Digital Input Code
0
8192 16384 24576 32768 40960 49152 57344 65536
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
D001
Channel A
Channel B
Channel C
Channel D
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC80004, DAC70004, DAC60004
SLASED6B – APRIL 2016 – REVISED JUNE 2016
DACx0004, Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog
Converters
1
1 Features
1
True 16-Bit Performance: 1 LSB INL/DNL (Max)
Ultra Low Glitch Energy: 1 nV-s
Wide Power-Supply Range: 2.7 V to 5.5 V
Output Buffer with Rail-to-Rail Operation
Current Consumption: 1 mA/Channel
50-MHz, 4- or 3-Wire SPI Compatible Interface
SDO Pin for Readback and Daisy Chain
Power-On Reset to Zero or Mid Scale
Temperature Range: –40°C to +125°C
Multiple Packages:
Tiny 14-Pin VSON
14-Pin TSSOP
2 Applications
Portable Instrumentation
PLC Analog Output Module (4-20 mA)
Closed-Loop Servo Control
Data Acquisition Systems
3 Description
The DAC80004/70004/60004 (DACx0004) are highly
accurate, low-power, voltage-output, quad-channel,
16-, 14-, 12-bit digital-to-analog converters (DACs)
respectively. The DACx0004 devices are ensured
monotonic by design and offer excellent linearity of
less than 1 LSB (Max). The reference input of the
DAC
is
buffered
internally
using
a
dedicated
reference buffer.
The DACx0004 devices incorporate a power-on-reset
circuit that ensures the DAC output powers up at zero
scale or mid scale depending on status of the POR
pin and remains in this state until a valid code is
written to the device. These devices consume very
low current of 1 mA/channel making them ideal for
portable, battery-operated equipment. These devices
also contain a power-down feature that reduces
current consumption to typically 3 µA at 5 V.
The DACx0004 devices use a versatile 4- or 3-wire
serial interface that operates at clock rates up to 50
MHz. The DACx0004 devices also include a SDO pin
to daisy chain multiple devices. The interface is
compatible with standard SPI™, QSPI™, Microwire,
and digital signal processor (DSP) interfaces. The
DACx0004 devices are offered in easy-to-assemble
14-pin TSSOP packages or an ultra small 14-pin
VSON package and are fully specified over the
extended industrial temperature range of –40°C to
125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DACx0004
VSON (14)
3.00 mm x 4.00 mm
DACx0004
TSSOP (14)
5.00 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
DACx0004 Block Diagram
Linearity Error vs Digital Input Code


유사한 부품 번호 - DAC60004IDMDT

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC600 BURR-BROWN-DAC600 Datasheet
155Kb / 12P
   12-Bit 256MHz Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC60096 TI1-DAC60096 Datasheet
2Mb / 51P
[Old version datasheet]   96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
DAC60096IZEB TI1-DAC60096IZEB Datasheet
2Mb / 51P
[Old version datasheet]   96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
More results

유사한 설명 - DAC60004IDMDT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC80501 TI1-DAC80501 Datasheet
488Kb / 32P
[Old version datasheet]   16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
DAC80501 TI1-DAC80501_V01 Datasheet
840Kb / 37P
[Old version datasheet]   DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
logo
Microchip Technology
MCP47FXBX4 MICROCHIP-MCP47FXBX4 Datasheet
9Mb / 124P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
02/28/20
MCP48FXBX4 MICROCHIP-MCP48FXBX4 Datasheet
9Mb / 112P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
logo
Analog Devices
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
logo
Microchip Technology
MCP48CXBXX MICROCHIP-MCP48CXBXX Datasheet
8Mb / 106P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
08/15/18
MCP47CXBXX MICROCHIP-MCP47CXBXX Datasheet
8Mb / 124P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
05/14/19
logo
Analog Devices
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com