전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9312 데이터시트(PDF) 4 Page - Texas Instruments

부품명 9312
상세설명  DM9312 1-of-8 Line Data Selector/Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

9312 데이터시트(HTML) 4 Page - Texas Instruments

  9312 Datasheet HTML 1Page - Texas Instruments 9312 Datasheet HTML 2Page - Texas Instruments 9312 Datasheet HTML 3Page - Texas Instruments 9312 Datasheet HTML 4Page - Texas Instruments 9312 Datasheet HTML 5Page - Texas Instruments 9312 Datasheet HTML 6Page - Texas Instruments 9312 Datasheet HTML 7Page - Texas Instruments 9312 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
Military
Commercial
Symbol
Parameter
To (Output)
RL e 400X CL e 15 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Selectz
34
33
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
Select
34
35
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
Select
24
28
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
Select
26
25
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
Data
24
23
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
Data
24
25
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
Data
14
13
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
Data
16
13
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
Strobe
30
33
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
Strobe
30
32
ns
High to Low Level Output
to Y
tPLH
Propagation Delay Time
Strobe
20
19
ns
Low to High Level Output
to Y
tPHL
Propagation Delay Time
Strobe
23
21
ns
High to Low Level Output
to Y
3


유사한 부품 번호 - 9312

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
9312 NSC-9312 Datasheet
122Kb / 6P
   One of Eight Line Data Selectors/Multiplexers
logo
Belden Inc.
9312 BELDEN-9312 Datasheet
167Kb / 2P
   High Perform Instr, 1 Pr #12 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
08-09-2023
logo
Keystone Electronics Co...
9312 KEYSTONE-9312 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9312 HEYCO-9312 Datasheet
152Kb / 2P
   Snap Rivets
logo
Peregrine Semiconductor...
9312-00 PEREGRINE-9312-00 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
More results

유사한 설명 - 9312

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
Renesas Technology Corp
HD74HC151 RENESAS-HD74HC151 Datasheet
96Kb / 7P
   1-of-8-line Data Selector/Multiplexer
logo
Hitachi Semiconductor
HD74HC152 HITACHI-HD74HC152 Datasheet
48Kb / 8P
   1-of-8-line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74ALS151 NSC-DM74ALS151 Datasheet
100Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
August 1995
logo
Texas Instruments
74AC11151 TI1-74AC11151_09 Datasheet
102Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74AC11151 TI-74AC11151 Datasheet
87Kb / 7P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
74ACT11151 TI1-74ACT11151 Datasheet
88Kb / 6P
[Old version datasheet]   1-OF-8 DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com