전자부품 데이터시트 검색엔진 |
|
CD74HC08 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
CD74HC08 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 15 page 1 Data sheet acquired from Harris Semiconductor SCHS116C Features • Buffered Inputs • Typical Propagation Delay: 7ns at VCC = 5V, CL = 15pF, TA = 25 oC • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • Alternate Source is Philips/Signetics • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The CD54HC00, CD74HC00, CD54HCT00, and CD74HCT00 logic gates utilize silicon gate CMOS technology to achieve operating speeds similar to LSTTL gates with the low power consumption of standard CMOS integrated circuits. All devices have the ability to drive 10 LSTTL loads. The 74HCT logic family is functionally pin compatible with the standard 74LS logic family. Pinout CD54HC00, CD54HCT00, (CERDIP) CD74HC00, CD74HCT00 (PDIP, SOIC) TOP VIEW Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC00F3A -55 to 125 14 Ld CERDIP CD54HCT00F3A -55 to 125 14 Ld CERDIP CD74HC00E -55 to 125 14 Ld PDIP CD74HC00M -55 to 125 14 Ld SOIC CD74HC00MT -55 to 125 14 Ld SOIC CD74HC00M96 -55 to 125 14 Ld SOIC CD74HCT00E -55 to 125 14 Ld PDIP CD74HCT00M -55 to 125 14 Ld SOIC CD74HCT00MT -55 to 125 14 Ld SOIC CD74HCT00M96 -55 to 125 14 Ld SOIC NOTE: When ordering, use the entire part number. The suffix 96 denotes tape and reel. The suffix T denotes a small-quantity reel of 250. 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y 1 2 3 4 5 6 7 14 13 12 11 10 9 8 January 1998 - Revised September 2003 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD54HC00, CD74HC00, CD54HCT00, CD74HCT00 High-Speed CMOS Logic Quad 2-Input NAND Gate [ /Title (CD54 HC00, CD54 HCT00 , CD74 HC00, CD74 HCT00 ) /Sub- |
유사한 부품 번호 - CD74HC08 |
|
유사한 설명 - CD74HC08 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |