전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC30PWT 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC30PWT
상세설명  High Speed CMOS Logic 8-Input NAND Gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC30PWT 데이터시트(HTML) 1 Page - Texas Instruments

  CD74HC30PWT Datasheet HTML 1Page - Texas Instruments CD74HC30PWT Datasheet HTML 2Page - Texas Instruments CD74HC30PWT Datasheet HTML 3Page - Texas Instruments CD74HC30PWT Datasheet HTML 4Page - Texas Instruments CD74HC30PWT Datasheet HTML 5Page - Texas Instruments CD74HC30PWT Datasheet HTML 6Page - Texas Instruments CD74HC30PWT Datasheet HTML 7Page - Texas Instruments CD74HC30PWT Datasheet HTML 8Page - Texas Instruments CD74HC30PWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS121D
Features
• Buffered Inputs
• Typical Propagation Delay: 10ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC30, CD54HCT30 (CERDIP)
CD74HC30 (PDIP, SOIC, SOP, TSSOP)
CD74HCT30 (PDIP, SOIC)
TOP VIEW
Description
The ’HC30 and ’HCT30 each contain an 8-input NAND gate
in one package. They provide the system designer with the
direct implementation of the positive logic 8-input NAND
function. Logic gates utilize silicon gate CMOS technology to
achieve operating speeds similar to LSTTL gates with the
low power consumption of standard CMOS integrated cir-
cuits. All devices have the ability to drive 10 LSTTL loads.
The HCT logic family is functionally pin compatible with the
standard LS logic family.
A
B
C
D
E
F
GND
VCC
NC
H
G
NC
NC
Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC30F3A
-55 to 125
14 Ld CERDIP
CD54HCT30F3A
-55 to 125
14 Ld CERDIP
CD74HC30E
-55 to 125
14 Ld PDIP
CD74HC30M
-55 to 125
14 Ld SOIC
CD74HC30MT
-55 to 125
14 Ld SOIC
CD74HC30M96
-55 to 125
14 Ld SOIC
CD74HC30NSR
-55 to 125
14 Ld SOP
CD74HC30PW
-55 to 125
14 Ld TSSOP
CD74HC30PWR
-55 to 125
14 Ld TSSOP
CD74HC30PWT
-55 to 125
14 Ld TSSOP
CD74HCT30E
-55 to 125
14 Ld PDIP
CD74HCT30M
-55 to 125
14 Ld SOIC
CD74HCT30MT
-55 to 125
14 Ld SOIC
CD74HCT30M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated.
CD54/74HC30,
CD54/74HCT30
High Speed CMOS Logic
8-Input NAND Gate
[ /Title
(CD54H
C30,
CD74H
C30,
CD74H
CT30)
/Subject
(High
Speed
CMOS
Logic 8-
August 1997 - Revised September 2003


유사한 부품 번호 - CD74HC30PWT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC30PWT TI-CD74HC30PWT Datasheet
349Kb / 13P
[Old version datasheet]   High Speed CMOS Logic 8-Input NAND Gate
More results

유사한 설명 - CD74HC30PWT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC30 TI-CD74HC30 Datasheet
349Kb / 13P
[Old version datasheet]   High Speed CMOS Logic 8-Input NAND Gate
CD54HC10 TI1-CD54HC10_14 Datasheet
614Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC00 TI1-CD54HC00_16 Datasheet
392Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD74HC20 TI-CD74HC20 Datasheet
45Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC00 TI-CD54HC00 Datasheet
33Kb / 10P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HC10 TI-CD54HC10 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
CD54HC20 TI-CD54HC20 Datasheet
257Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NAND Gate
CD74HC00M96G4 TI1-CD74HC00M96G4 Datasheet
615Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Gate
CD74HCT20EE4 TI1-CD74HCT20EE4 Datasheet
603Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NAND Gate
CD54HC10 TI-CD54HC10_03 Datasheet
32Kb / 5P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com