전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT14 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT14
상세설명  High-Speed CMOS Logic Hex Inverting Schmitt Trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT14 데이터시트(HTML) 4 Page - Texas Instruments

  CD74HCT14 Datasheet HTML 1Page - Texas Instruments CD74HCT14 Datasheet HTML 2Page - Texas Instruments CD74HCT14 Datasheet HTML 3Page - Texas Instruments CD74HCT14 Datasheet HTML 4Page - Texas Instruments CD74HCT14 Datasheet HTML 5Page - Texas Instruments CD74HCT14 Datasheet HTML 6Page - Texas Instruments CD74HCT14 Datasheet HTML 7Page - Texas Instruments CD74HCT14 Datasheet HTML 8Page - Texas Instruments CD74HCT14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Input Leakage Current
II
VCC or
GND
-6-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
06
-
2
-
20
-
40
µA
HCT TYPES
Input Switch Points
VT+
-
-
4.5
1.2
1.9
1.2
1.9
1.2
1.9
V
5.5
1.4
2.1
1.4
2.1
1.4
2.1
V
VT-
4.5
0.5
1.2
0.5
1.2
0.5
1.2
V
5.5
0.6
1.4
0.6
1.4
0.6
1.4
V
VH
4.5
0.4
1.4
0.4
1.4
0.4
1.4
V
5.5
0.4
1.5
0.4
1.5
0.4
1.5
V
High Level Output
Voltage CMOS Loads
VOH
VT-
-0.02
4.5
4.4
-
4.4
-
4.4
-
V
High Level Output
Voltage TTL Loads
-4
4.5
3.98
-
3.84
-
3.7
-
V
Low Level Output Voltage
CMOS Loads
VOL
VT+
0.02
4.5
-
0.1
-
0.1
-
0.1
V
Low Level Output Voltage
TTL Loads
4
4.5
-
0.26
-
0.33
-
0.4
V
Input Leakage Current
II
VCC
and
GND
-
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
2
-
20
-
40
µA
Additional Quiescent
Device Current Per Input
Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
- 2.1
-
4.5 to
5.5
-
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
nA
0.6
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Specifica-
tions table, e.g., 360
µA max at 25oC.
CD54HC14, CD74HC14, CD54HCT14, CD74HCT14


유사한 부품 번호 - CD74HCT14

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT14 TI-CD74HCT14 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HCT14 TI-CD74HCT14 Datasheet
285Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HCT14 TI-CD74HCT14 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HCT14 TI-CD74HCT14 Datasheet
587Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HCT147 TI-CD74HCT147 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 10-to-4 Line Priority Encoder
More results

유사한 설명 - CD74HCT14

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14_05 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HC14MG4 TI-CD74HC14MG4 Datasheet
587Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HC14 UTC-U74HC14 Datasheet
103Kb / 6P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Tiger Electronic Co.,Lt...
74HC14 TGS-74HC14 Datasheet
90Kb / 4P
   High-Speed Cmos Logic Hex Inverting Schmitt Trigger
logo
Texas Instruments
CD54HC14 TI-CD54HC14 Datasheet
285Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14_15 Datasheet
237Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HC14 UTC-U74HC14_15 Datasheet
198Kb / 6P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14PWRG4 TI-CD74HC14PWRG4 Datasheet
596Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com