전자부품 데이터시트 검색엔진 |
|
CDC208DW 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
CDC208DW 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 18 page CDC208 DUAL 1LINE TO 4LINE CLOCK DRIVER WITH 3STATE OUTPUTS SCAS109F − APRIL 1990 − REVISED OCTOBER 1998 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT FOR OUTPUTS S1 2 × VCC Open GND 500 Ω 500 Ω TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH S1 Open 2 × VCC GND Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note C) Output Waveform 2 S1 at 2 × VCC (see Note C) VOL VOH tPZL tPZH tPLZ tPHZ 1.5 V 1.5 V ≈ VCC 0 V 50% VCC 0 V 3 V (see Note A) 50% VCC 20% VCC 80% VCC tPLH tPHL 1.5 V 1.5 V 3 V 0 V 50% VCC 50% VCC VOH VOL Input (see Note B) Output VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns. For testing pulse duration: tr = tf = 1 to 3 ns. Pulse polarity can be either high-to-low-to-high or low-to-high-to-low. C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. Figure 1. Load Circuit and Voltage Waveforms |
유사한 부품 번호 - CDC208DW |
|
유사한 설명 - CDC208DW |