전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC3RL02 데이터시트(PDF) 11 Page - Texas Instruments

부품명 CDC3RL02
상세설명  Low Phase-Noise Two-Channel Clock Fan-Out Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDC3RL02 데이터시트(HTML) 11 Page - Texas Instruments

Back Button CDC3RL02_16 Datasheet HTML 7Page - Texas Instruments CDC3RL02_16 Datasheet HTML 8Page - Texas Instruments CDC3RL02_16 Datasheet HTML 9Page - Texas Instruments CDC3RL02_16 Datasheet HTML 10Page - Texas Instruments CDC3RL02_16 Datasheet HTML 11Page - Texas Instruments CDC3RL02_16 Datasheet HTML 12Page - Texas Instruments CDC3RL02_16 Datasheet HTML 13Page - Texas Instruments CDC3RL02_16 Datasheet HTML 14Page - Texas Instruments CDC3RL02_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MCLK _IN
C
MCLK
CDC3RL02
www.ti.com
SCHS371C – NOVEMBER 2009 – REVISED JANUARY 2016
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Input Clock Squarer
Figure 11 shows the input stage of the CDC3RL02. The input signal at MCLK_IN can be a square wave or sine
wave. CMCLK is an internal AC coupling capacitor that allows a direct connection from the TCXO to the
CDC3RL02 without an external capacitor.
Figure 11. Input Stage with Internal AC Coupling Capacitor
Any external component added in the series path of the clock signal will potentially add phase noise and jitter.
The error source associated with the internal decoupling capacitor is included in the specification of the
CDC3RL02. The recommended clock frequency band of the CDC3RL02 is 10 MHz to 52 MHz for specified
functionality. All performance metrics are specified at 26 MHz. The lowest acceptable sinusoidal signal amplitude
is 0.8 VPP for specified performance. Amplitudes as low as 0.3 VPP are acceptable but with reduced phase-noise
and jitter performance.
9.1.2 Output Stage
Each output drives 1.8-V LVCMOS levels. Adaptive output buffers limit the rise/fall time of the output to within 1
ns to 5 ns with load capacitance between 10 pF and 50 pF. Fast slew rates introduce EMI into the system. Each
output buffer limits EMI by keeping the rise/fall time above 1 ns. Slow rise/fall times can induce additive phase
noise and duty cycle errors in the load device. The output buffer limits these errors by keeping the rise/fall time
below 5 ns. In addition, the output stage dynamically alters impedance based on the instantaneous voltage level
of the output. This dynamic change limits reflections keeping the output signal monotonic during transitions. Each
output is active low when not requested to avoid false clocking of the load device.
9.1.3 LDO
A low noise 1.8-V LDO is integrated to provide the I/O supply for the output buffers. The LDO output is externally
available to power a clock source such as a TCXO. A clean supply is provided to the clock buffers and the clock
source for optimum phase noise performance. The input range of the LDO allows the device to be powered
directly from a single cell Li battery. The LDO is enabled by either of the CLK_REQ_N signals. When disabled,
the device enters a low power shutdown mode consuming less than 1
μA from the battery. The LDO requires an
output decoupling capacitor in the range of 1
μF to 10 μF for compensation and high frequency PSR. This
capacitor must stay within the specified range over the entire operating temperature range. An input bypass
capacitor of 1
μF or larger is recommended.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: CDC3RL02


유사한 부품 번호 - CDC3RL02_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
More results

유사한 설명 - CDC3RL02_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC3RL02 TI-CDC3RL02 Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
CDC3RL02YFPR TI1-CDC3RL02YFPR Datasheet
750Kb / 15P
[Old version datasheet]   LOW PHASE-NOISE TWO-CHANNEL CLOCK FAN-OUT BUFFER
logo
ON Semiconductor
NB3RL02 ONSEMI-NB3RL02 Datasheet
99Kb / 8P
   Low Phase-Noise Two-Channel Clock Fanout Buffer
September, 2015 ??Rev. 3
logo
PulseCore Semiconductor
PCS2P5T915A PULSECORE-PCS2P5T915A Datasheet
799Kb / 23P
   Low Voltage (2.5V) High Accuracy 1:5 Clock Fan-Out Buffer
logo
Melexis Microelectronic...
US651 MELEXIS-US651 Datasheet
322Kb / 12P
   Two-Coil Low Noise Fan Driver
logo
Texas Instruments
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
logo
Lattice Semiconductor
ISPCLOCK5500 LATTICE-ISPCLOCK5500 Datasheet
551Kb / 48P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
ISPPAC-CLK5510V LATTICE-ISPPAC-CLK5510V Datasheet
867Kb / 43P
   In-System Programmable Clock Generator with Universal Fan-Out Buffer
logo
NXP Semiconductors
PCK9446 PHILIPS-PCK9446 Datasheet
94Kb / 17P
   2.5 V and 3.3 V LVCMOS clock fan-out buffer
Rev. 01-10 April 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com