전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC2510BPWRG4 데이터시트(PDF) 7 Page - Texas Instruments

부품명 CDC2510BPWRG4
상세설명  3.3V Phase-Lock Loop Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDC2510BPWRG4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CDC2510BPWRG4 Datasheet HTML 3Page - Texas Instruments CDC2510BPWRG4 Datasheet HTML 4Page - Texas Instruments CDC2510BPWRG4 Datasheet HTML 5Page - Texas Instruments CDC2510BPWRG4 Datasheet HTML 6Page - Texas Instruments CDC2510BPWRG4 Datasheet HTML 7Page - Texas Instruments CDC2510BPWRG4 Datasheet HTML 8Page - Texas Instruments CDC2510BPWRG4 Datasheet HTML 9Page - Texas Instruments CDC2510BPWRG4 Datasheet HTML 10Page - Texas Instruments CDC2510BPWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CDC2510B
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS612 B− SEPTEMBER 1998 − REVISED DECEMBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
PHASE ADJUSTMENT SLOPE AND PHASE ERROR
vs
LOAD CAPACITANCE
0
5
10
15
20
25
30
35
40
45
50
VCC = 3.3 V
fc = 100 MHz
CLY = 30pF
TA = 25°C
Phase Error Measured
from CLK to Y
CLF − Lumped Feedback Capacitance at FBIN − pF
20
0
−10
−20
−30
10
40
50
−40
−50
30
100
0
−50
−100
−150
50
200
250
−200
−250
150
Phase Error
Phase Adjustment Slope
Figure 3
PHASE ERROR
vs
CLOCK FREQUENCY
300
200
100
−100
35
45
55
65
75
85
95
105
115
125
0
400
VCC = 3.3 V
CLY = CLF = 30 pF
TA = 25°C
Phase Error Measured
from CLK to FBIN
fc − Clock Frequency − MHz
Figure 4
NOTES: A. CLY = Lumped capacitive load at Y
B. CLF = Lumped feedback capacitance at FBIN


유사한 부품 번호 - CDC2510BPWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC2510BPWR TI-CDC2510BPWR Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

유사한 설명 - CDC2510BPWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDCF2510 TI1-CDCF2510_15 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com