전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC421125RGETG4 데이터시트(PDF) 7 Page - Texas Instruments

부품명 CDC421125RGETG4
상세설명  FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDC421125RGETG4 데이터시트(HTML) 7 Page - Texas Instruments

  CDC421125RGETG4 Datasheet HTML 1Page - Texas Instruments CDC421125RGETG4 Datasheet HTML 2Page - Texas Instruments CDC421125RGETG4 Datasheet HTML 3Page - Texas Instruments CDC421125RGETG4 Datasheet HTML 4Page - Texas Instruments CDC421125RGETG4 Datasheet HTML 5Page - Texas Instruments CDC421125RGETG4 Datasheet HTML 6Page - Texas Instruments CDC421125RGETG4 Datasheet HTML 7Page - Texas Instruments CDC421125RGETG4 Datasheet HTML 8Page - Texas Instruments CDC421125RGETG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.ti.com
CDC421xxx
SLAS540 – APRIL 2007
Table 8. Phase Noise Parameters With LVCMOS Input of 31.2500 MHz and LVPECL Output at 250.00 MHz
PARAMETER
MIN
TYP
MAX
UNIT
Phase Noise Specifications Under Following Conditions: fin = 31.2500 MHz, fout = 250.00 MHz
phn100
Phase noise at 100 Hz
–103
dBc/Hz
phn1K
Phase noise at 1 kHz
–112
dBc/Hz
phn10k
Phase noise at 10 kHz
–121
dBc/Hz
phn100k
Phase noise at 100 kHz
–124
dBc/Hz
phn1M
Phase noise at 1 MHz
–134
dBc/Hz
phn10M
Phase noise at 10 MHz
–148
dBc/Hz
phn20M
Phase noise at 20 MHz
–149
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
420
fs
Tj
Total jitter
36.98
ps
Dj
Deterministic jitter
18.52
ps
Table 9. Phase Noise Parameters With LVCMOS Input of 31.2500 MHz and LVPECL Output at 312.50 MHz
PARAMETER
MIN
TYP
MAX
UNIT
Phase Noise Specifications Under Following Conditions: fin = 31.2500 MHz, fout = 312.50 MHz
phn100
Phase noise at 100 Hz
–102
dBc/Hz
phn1K
Phase noise at 1 kHz
–111
dBc/Hz
phn10k
Phase noise at 10 kHz
–120
dBc/Hz
phn100k
Phase noise at 100 kHz
–123
dBc/Hz
phn1M
Phase noise at 1 MHz
–135
dBc/Hz
phn10M
Phase noise at 10 MHz
–147
dBc/Hz
phn20M
Phase noise at 20 MHz
–147
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
378
fs
Tj
Total jitter
29.82
ps
Dj
Deterministic jitter
11
ps
7
Submit Documentation Feedback


유사한 부품 번호 - CDC421125RGETG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC421125RGET TI-CDC421125RGET Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
More results

유사한 설명 - CDC421125RGETG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC421A100 TI1-CDC421A100 Datasheet
619Kb / 15P
[Old version datasheet]   Fully-Integrated, Fixed-Frequency, Low-Jitter Crystal Oscillator Clock Generator
CDC421XXX TI-CDC421XXX Datasheet
694Kb / 18P
[Old version datasheet]   FULLY INTEGRATED FIXED FREQUENCY LOW-JITTER, CRYSTAL-OSCILLATOR CLOCK GENERATOR
CDCE421A TI1-CDCE421A Datasheet
815Kb / 27P
[Old version datasheet]   Fully-Integrated, Wide Range, Low-Jitter Crystal Oscillator Clock Generator
CDCE421 TI1-CDCE421_15 Datasheet
884Kb / 24P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
CDCE421 TI-CDCE421 Datasheet
1,003Kb / 30P
[Old version datasheet]   Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
logo
Abracon Corporation
AK2A ABRACON-AK2A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
AK3A ABRACON-AK3A Datasheet
1Mb / 11P
   Ultra-Low Jitter, Fixed-Frequency SMD Clock Oscillator
REVISED: 09-27-22
logo
Vanlong Technology Co.,...
PO321 VANLONG-PO321 Datasheet
37Kb / 1P
   Fixed Frequency Crystal Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Vanlong Technology Co.,...
PO300F VANLONG-PO300F Datasheet
39Kb / 1P
   Fixed Frequency Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com