전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1985JST-REEL 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD1985JST-REEL
상세설명  AC ??7 SoundMAX Codec
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1985JST-REEL 데이터시트(HTML) 5 Page - Analog Devices

  AD1985JST-REEL Datasheet HTML 1Page - Analog Devices AD1985JST-REEL Datasheet HTML 2Page - Analog Devices AD1985JST-REEL Datasheet HTML 3Page - Analog Devices AD1985JST-REEL Datasheet HTML 4Page - Analog Devices AD1985JST-REEL Datasheet HTML 5Page - Analog Devices AD1985JST-REEL Datasheet HTML 6Page - Analog Devices AD1985JST-REEL Datasheet HTML 7Page - Analog Devices AD1985JST-REEL Datasheet HTML 8Page - Analog Devices AD1985JST-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
AD1985
Rev. A | Page 5 of 48
ANALOG MIXER—INPUT GAIN/AMPLIFIERS/ATTENUATORS
Table 5.
Parameter
Min
Typ
Max
Unit
SIGNAL-TO-NOISE RATIO (SNR)
CD to LINE_OUT
90
dB
LINE, AUX, PHONE, to LINE_OUT
85
dB
MIC1 or MIC2 to LINE_OUT
80
dB
Step Size: All Mixer Inputs, Except PC Beep
1.5
dB
Input Gain/Attenuation Range (+12 dB to –34.5 dB): All Mixer Inputs, Except PC Beep
46.5
dB
DIGITAL DECIMATION AND INTERPOLATION FILTERS1
Table 6.
Parameter
Min
Typ
Max
Unit
PASS BAND
0
0.4 × fS
Hz
PASS-BAND RIPPLE
±0.09
dB
TRANSITION BAND
0.4 ×
fS
0.6 × fS
Hz
STOP BAND
0.6 ×
fS
Hz
STOP-BAND REJECTION
–74
dB
GROUP DELAY
16/fS
s
GROUP DELAY VARIATION OVER PASS BAND
0
µs
ANALOG-TO-DIGITAL CONVERTERS
Table 7.
Parameter
Min
Typ
Max
Unit
RESOLUTION
16
Bits
TOTAL HARMONIC DISTORTION (THD)
−85
dB
DYNAMIC RANGE (–60 dB IN; THD+N REFERENCED TO FULL-SCALE; A-WEIGHTED)
84
dB
SIGNAL-TO-INTERMODULATION DISTORTION (CCIF METHOD)1
85
dB
ADC CROSSTALK1
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
−85
dB
LINE_IN to Other
−95
dB
GAIN ERROR (FULL-SCALE SPAN RELATIVE TO NOMINAL INPUT VOLTAGE)
±10
%
INTERCHANNEL GAIN MISMATCH (DIFFERENCE OF GAIN ERRORS)
±0.5
dB
ADC OFFSET ERROR1
±5
mV
DIGITAL-TO-ANALOG CONVERTERS
Table 8.
Parameter
Min
Typ
Max
Unit
RESOLUTION
20
Bits
TOTAL HARMONIC DISTORTION (THD); LINE_OUT, C/LFE
–90
dB
TOTAL HARMONIC DISTORTION (THD); HP_OUT
–75
dB
DYNAMIC RANGE (–60 dB IN; THD+N REFERENCED TO FULL-SCALE; A-WEIGHTED)
90
dB
SIGNAL-TO-INTERMODULATION DISTORTION (CCIF METHOD)1
100
dB
GAIN ERROR (OUTPUT FULL-SCALE VOLTAGE RELATIVE TO NOMINAL OUTPUT FULL-SCALE VOLTAGE)2
±10
%
INTERCHANNEL GAIN MISMATCH (DIFFERENCE OF GAIN ERRORS)
±0.7
dB
DAC CROSSTALK (INPUT L, ZERO R, READ R_OUT; INPUT R, ZERO L, READ L_OUT)1
–100
dB
TOTAL OUT-OF-BAND ENERGY (MEASURED FROM 0.6 × fS TO 100 KHZ)1
–85
dB
1 Guaranteed, not tested.
2 C/LFE specified with 10 kΩ load.


유사한 부품 번호 - AD1985JST-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1980 AD-AD1980 Datasheet
750Kb / 32P
   SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1980JST AD-AD1980JST Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1980JST AD-AD1980JST Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
More results

유사한 설명 - AD1985JST-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
   AC ??7 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A Datasheet
281Kb / 28P
   AC??7 SoundMAX Codec
REV. 0
AD1885 AD-AD1885 Datasheet
291Kb / 27P
   AC??7 SoundMAX Codec
REV. 0
AD1887 AD-AD1887 Datasheet
150Kb / 16P
   AC??7 SoundMAX Codec
REV. 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
   AC ??7 SoundMAX CODEC
REV. 0
AD1981B AD-AD1981B Datasheet
499Kb / 28P
   AC ??7 SoundMAX Codec
REV. B
AD1981A AD-AD1981A Datasheet
183Kb / 24P
   AC ??7 SoundMAX Codec
REV. 0
AD1986A AD-AD1986A Datasheet
365Kb / 56P
   AC ??7 and HD Audio SoundMAX Codec
REV. 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com