전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7495BR 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7495BR
상세설명  1 MSPS, 12-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7495BR 데이터시트(HTML) 5 Page - Analog Devices

  AD7495BR Datasheet HTML 1Page - Analog Devices AD7495BR Datasheet HTML 2Page - Analog Devices AD7495BR Datasheet HTML 3Page - Analog Devices AD7495BR Datasheet HTML 4Page - Analog Devices AD7495BR Datasheet HTML 5Page - Analog Devices AD7495BR Datasheet HTML 6Page - Analog Devices AD7495BR Datasheet HTML 7Page - Analog Devices AD7495BR Datasheet HTML 8Page - Analog Devices AD7495BR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
AD7475/AD7495
–5–
SCLK
1
5
13
15
SDATA
FOUR LEADING ZEROS
THREE-STATE
t4
2
34
16
t5
t3
tQUIET
tCONVERT
t2
THREE-STATE
DB11
DB10
DB2
DB0
t6
t7
t8
14
0
0
0
0
B
DB1
CS
Figure 1. Serial Interface Timing Diagram
Timing Example 1
Having fSCLK = 20 MHz and a throughput of 1 MSPS gives a cycle
time of t2 + 12.5(1/fSCLK) + tACQ = 1
µs. With t2 = 10 ns min, this
leaves tACQ to be 365 ns. This 365 ns satisfies the requirement of
300 ns for tACQ. From Figure 2, tACQ comprises of 2.5(1/fSCLK) + t8
+ tQUIET, where t8 = 45 ns. This allows a value of 195 ns for tQUIET,
satisfying the minimum requirement of 100 ns.
Timing Example 2
Having fSCLK = 5 MHz and a throughput of 315 KSPS, gives a
cycle time of t2 + 12.5(1/fSCLK) + tACQ = 3.174 s.
With t2 = 10 ns min, this leaves tacq to be 664 ns. This 664 ns
satisfies the requirement of 300 ns for tACQ. From Figure 2, tACQ
is comprised of 2.5(1/fSCLK) + t8 + tQUIET, t8 = 45 ns. This allows
a value of 119 ns for tQUIET satisfying the minimum requirement
of 100 ns. As in this example and with other slower clock values,
the signal may already be acquired before the conversion is
complete, but it is still necessary to leave 100 ns minimum
tQUIET between conversions. In Example 2 the signal should be
fully acquired at approximately Point C in Figure 2.
SCLK
1
5
13
15
2
34
16
t5
tQUIET
tCONVERT
t2
t6
t8
14
B
CS
45ns
tACQUISITION
12.5 (1/fSCLK)
10ns
1/THROUGHPUT
C
Figure 2. Serial Interface Timing Example
200 A
IOL
200 A
IOH
CL
50pF
TO OUTPUT
PIN
1.6V
Figure 3. Load Circuit for Digital Output Timing Specifications


유사한 부품 번호 - AD7495BR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7495BR AD-AD7495BR Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7495BR AD-AD7495BR Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7495BR-REEL AD-AD7495BR-REEL Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7495BR-REEL AD-AD7495BR-REEL Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7495BR-REEL7 AD-AD7495BR-REEL7 Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
More results

유사한 설명 - AD7495BR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com