전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCVF2510PWG4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCVF2510PWG4
상세설명  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF2510PWG4 데이터시트(HTML) 4 Page - Texas Instruments

  CDCVF2510PWG4 Datasheet HTML 1Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 2Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 3Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 4Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 5Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 6Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 7Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 8Page - Texas Instruments CDCVF2510PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
TIMING REQUIREMENTS
ELECTRICAL CHARACTERISTICS
CDCVF2510
SCAS638C – JULY 2001 – REVISED APRIL 2006
DISSIPATION RATING TABLE
DERATING
BOARD
TA≤ 25°C POWER
TA = 70°C POWER
TA = 85°C POWER
PACKAGE
RΘJA
FACTOR(2) ABOVE
TYPE(1)
RATING
RATING
RATING
TA = 25°C
JEDEC low-K
114.5°C/W
920 mW
8.7 mW/°C
520 mW
390 mW
PW
JEDEC high-K
62.1°C/W
1690 mW
16.1 mW/°C
960 mW
720 mW
(1)
JEDEC high-K board has better thermal performance due to multiple internal copper planes.
(2)
This is the inverse of the traditional junction-to-ambient thermal resistance (RΘJA).
MIN
MAX
UNIT
VCC, AVCC
Supply voltage
3
3.6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
IOH
High-level output current
-12
mA
IOL
Low-level output current
12
mA
TA
Operating free-air temperature
0
85
°C
(1)
Unused inputs must be held high or low to prevent them from floating.
over recommended ranges of supply voltage and operating free-air temperature
MIN
MAX
UNIT
fclk
Clock frequency(1)
50
175
MHz
Input clock duty cycle
40%
60%
Stabilization time(2)
1
ms
(1)
To avoid any self oscillation of the PLL, a continous clock signal has to be present at the clock input.
(2)
Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be
obtained, a fixed-frequency, fixed-phase reference signal must be present at CLK. Until phase lock is obtained, the specifications for
propagation delay, skew, and jitter parameters given in the Switching Characteristics table are not applicable. This parameter does not
apply for input modulation under SSC application.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC, AVCC
MIN
TYP(1)
MAX
UNIT
VIK
Input clamp voltage
II = -18 mA
3 V
-1.2
V
IOH = -100 µA
MIN to MAX
VCC-0.2
VOH
High-level output voltage
IOH = -12 mA
3 V
2.1
V
IOH = -6 mA
3 V
2.4
IOL = 100 µA
MIN to MAX
0.2
VOL
Low-level output voltage
IOL = 12 mA
3 V
0.8
V
IOL = 6 mA
3 V
0.55
VO = 1 V
3 V
-28
IOH
High-level output current
VO = 1.65 V
3.3 V
-36
mA
VO = 3.135 V
3.6 V
-8
VO = 1.95 V
3 V
30
IOL
Low-level output current
VO = 1.65 V
3.3 V
40
mA
VO = 0.4 V
3.6 V
10
II
Input current
VI = VCC or GND
3.6 V
±5
µA
(1)
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
4
Submit Documentation Feedback


유사한 부품 번호 - CDCVF2510PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCVF2510PWG4 TI1-CDCVF2510PWG4 Datasheet
764Kb / 16P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

유사한 설명 - CDCVF2510PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com