전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17578Q5A 데이터시트(PDF) 5 Page - Texas Instruments

부품명 CSD17578Q5A
상세설명  30V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17578Q5A 데이터시트(HTML) 5 Page - Texas Instruments

  CSD17578Q5A_16 Datasheet HTML 1Page - Texas Instruments CSD17578Q5A_16 Datasheet HTML 2Page - Texas Instruments CSD17578Q5A_16 Datasheet HTML 3Page - Texas Instruments CSD17578Q5A_16 Datasheet HTML 4Page - Texas Instruments CSD17578Q5A_16 Datasheet HTML 5Page - Texas Instruments CSD17578Q5A_16 Datasheet HTML 6Page - Texas Instruments CSD17578Q5A_16 Datasheet HTML 7Page - Texas Instruments CSD17578Q5A_16 Datasheet HTML 8Page - Texas Instruments CSD17578Q5A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
D006
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
4
8
12
16
20
24
28
D007
TC = 25°C, I D = 10 A
TC = 125°C, I D = 10 A
Qg - Gate Charge (nC)
0
3
6
9
12
15
18
0
2
4
6
8
10
D004
VDS - Drain-to-Source Voltage (V)
0
5
10
15
20
25
30
10
100
1000
10000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
VDS - Drain-to-Source Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
20
40
60
80
100
D002
VGS = 4.5 V
VGS = 6 V
VGS = 10 V
VGS - Gate-to-Source Voltage (V)
1
1.5
2
2.5
3
3.5
0
10
20
30
40
50
60
D003
TC = 125°C
TC = 25°C
TC = -55°C
CSD17578Q5A
www.ti.com
SLPS526 – MARCH 2015
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
VDS = 5 V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
ID = 10 A
VDS = 15 V
Figure 5. Capacitance
Figure 4. Gate Charge
ID = 250 µA
Figure 7. On-State Resistance vs Gate-to-Source Voltage
Figure 6. Threshold Voltage vs Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD17578Q5A


유사한 부품 번호 - CSD17578Q5A_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17578Q5A TI-CSD17578Q5A_15 Datasheet
864Kb / 15P
[Old version datasheet]   CSD17578Q5A 30 V N-Channel NexFET Power MOSFETs
More results

유사한 설명 - CSD17578Q5A_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17306Q5A TI-CSD17306Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com