전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD18504Q5A 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD18504Q5A
상세설명  40V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18504Q5A 데이터시트(HTML) 9 Page - Texas Instruments

Back Button CSD18504Q5A Datasheet HTML 5Page - Texas Instruments CSD18504Q5A Datasheet HTML 6Page - Texas Instruments CSD18504Q5A Datasheet HTML 7Page - Texas Instruments CSD18504Q5A Datasheet HTML 8Page - Texas Instruments CSD18504Q5A Datasheet HTML 9Page - Texas Instruments CSD18504Q5A Datasheet HTML 10Page - Texas Instruments CSD18504Q5A Datasheet HTML 11Page - Texas Instruments CSD18504Q5A Datasheet HTML 12Page - Texas Instruments CSD18504Q5A Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
F10
F6
F7
M0139-01
F1
CSD18504Q5A
www.ti.com
SLPS366E – JUNE 2012 – REVISED SEPTEMBER 2014
7.2 Recommended PCB Pattern
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
F1
6.205
6.305
0.244
0.248
F2
4.46
4.56
0.176
0.18
F3
4.46
4.56
0.176
0.18
F4
0.65
0.7
0.026
0.028
F5
0.62
0.67
0.024
0.026
F6
0.63
0.68
0.025
0.027
F7
0.7
0.8
0.028
0.031
F8
0.65
0.7
0.026
0.028
F9
0.62
0.67
0.024
0.026
F10
4.9
5
0.193
0.197
F11
4.46
4.56
0.176
0.18
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing Through
PCB Layout Techniques.
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD18504Q5A


유사한 부품 번호 - CSD18504Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
logo
TECH PUBLIC Electronics...
CSD18504Q5A-TP TECHPUBLIC-CSD18504Q5A-TP Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Texas Instruments
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

유사한 설명 - CSD18504Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18502Q5B TI1-CSD18502Q5B_16 Datasheet
945Kb / 15P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18503Q5A TI1-CSD18503Q5A_16 Datasheet
380Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18501Q5A TI1-CSD18501Q5A Datasheet
703Kb / 10P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18503Q5A TI1-CSD18503Q5A Datasheet
709Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com