전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD18509Q5B 데이터시트(PDF) 5 Page - Texas Instruments

부품명 CSD18509Q5B
상세설명  N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18509Q5B 데이터시트(HTML) 5 Page - Texas Instruments

  CSD18509Q5B_16 Datasheet HTML 1Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 2Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 3Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 4Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 5Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD18509Q5B_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 32A
TC = 125°C,I D = 32A
G001
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
Qg - Gate Charge (nC)
G001
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
0
20
40
60
80
100
120
140
160
180
200
0
0.1
0.2
0.3
0.4
0.5
VDS - Drain-to-Source Voltage (V)
VGS = 10V
VGS = 6V
VGS = 4.5V
G001
0
20
40
60
80
100
120
140
160
180
200
0
0.5
1
1.5
2
2.5
3
3.5
4
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
G001
CSD18509Q5B
www.ti.com
SLPS476 – JUNE 2014
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
VDS = 5 V
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
ID = 32 A
VDS = 20 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = 250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD18509Q5B


유사한 부품 번호 - CSD18509Q5B_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18509Q5B TI-CSD18509Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18509Q5B N-Channel NexFET Power MOSFETs
More results

유사한 설명 - CSD18509Q5B_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD17552Q3A TI1-CSD17552Q3A_16 Datasheet
776Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16323Q3C TI1-CSD16323Q3C Datasheet
387Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16342Q5A TI-CSD16342Q5A Datasheet
2Mb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com