전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD19502Q5B 데이터시트(PDF) 3 Page - Texas Instruments

부품명 CSD19502Q5B
상세설명  80V N-Channel NexFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19502Q5B 데이터시트(HTML) 3 Page - Texas Instruments

  CSD19502Q5B_16 Datasheet HTML 1Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 2Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 3Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 4Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 5Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CSD19502Q5B
www.ti.com
SLPS413A – DECEMBER 2013 – REVISED JUNE 2014
5 Specifications
5.1
Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
80
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 64 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
2.2
2.7
3.3
V
VGS = 6 V, ID = 19 A
3.8
4.8
m
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 19 A
3.4
4.1
m
gfs
Transconductance
VDS = 8 V, ID = 19 A
88
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
3750
4870
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 40 V, ƒ = 1 MHz
925
1202
pF
Crss
Reverse Transfer Capacitance
17
22
pF
RG
Series Gate Resistance
1.2
2.4
Qg
Gate Charge Total (10 V)
48
62
nC
Qgd
Gate Charge Gate to Drain
8.6
nC
VDS = 40 V, ID = 19 A
Qgs
Gate Charge Gate to Source
14
nC
Qg(th)
Gate Charge at Vth
10
nC
Qoss
Output Charge
VDS = 40 V, VGS = 0 V
130
nC
td(on)
Turn On Delay Time
8
ns
tr
Rise Time
6
ns
VDS = 40 V, VGS = 10 V,
IDS = 19 A, RG = 0 Ω
td(off)
Turn Off Delay Time
22
ns
tf
Fall Time
7
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 19 A, VGS = 0 V
0.8
1
V
Qrr
Reverse Recovery Charge
275
nC
VDS= 40 V, IF = 19 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
72
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance(1)
0.8
°C/W
RθJA
Junction-to-Ambient Thermal Resistance (1)(2)
50
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inches × 1.5-inches (3.81-
cm × 3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD19502Q5B


유사한 부품 번호 - CSD19502Q5B_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET??Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD19502Q5B_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19506KCS TI1-CSD19506KCS Datasheet
476Kb / 10P
[Old version datasheet]   80V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com