전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD19502Q5B 데이터시트(PDF) 5 Page - Texas Instruments

부품명 CSD19502Q5B
상세설명  80V N-Channel NexFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19502Q5B 데이터시트(HTML) 5 Page - Texas Instruments

  CSD19502Q5B_16 Datasheet HTML 1Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 2Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 3Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 4Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 5Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD19502Q5B_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
ID = 250uA
G001
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 19A
TC = 125°C,I D = 19A
G001
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
Qg - Gate Charge (nC)
ID = 19A
VDS = 40V
G001
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
0
20
40
60
80
100
120
140
160
180
200
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VDS - Drain-to-Source Voltage (V)
VGS = 10V
VGS = 8V
VGS = 6V
G001
0
20
40
60
80
100
120
140
160
180
200
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
CSD19502Q5B
www.ti.com
SLPS413A – DECEMBER 2013 – REVISED JUNE 2014
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
Figure 4. Gate Charge
Figure 5. Capacitance
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD19502Q5B


유사한 부품 번호 - CSD19502Q5B_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET??Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B Datasheet
1Mb / 13P
[Old version datasheet]   80 V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD19502Q5B_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19506KCS TI1-CSD19506KCS Datasheet
476Kb / 10P
[Old version datasheet]   80V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16322Q5 TI-CSD16322Q5 Datasheet
287Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD16401Q5 TI1-CSD16401Q5 Datasheet
332Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com