전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD19533Q5A 데이터시트(PDF) 3 Page - Texas Instruments

부품명 CSD19533Q5A
상세설명  100V N-Channel NexFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19533Q5A 데이터시트(HTML) 3 Page - Texas Instruments

  CSD19533Q5A_16 Datasheet HTML 1Page - Texas Instruments CSD19533Q5A_16 Datasheet HTML 2Page - Texas Instruments CSD19533Q5A_16 Datasheet HTML 3Page - Texas Instruments CSD19533Q5A_16 Datasheet HTML 4Page - Texas Instruments CSD19533Q5A_16 Datasheet HTML 5Page - Texas Instruments CSD19533Q5A_16 Datasheet HTML 6Page - Texas Instruments CSD19533Q5A_16 Datasheet HTML 7Page - Texas Instruments CSD19533Q5A_16 Datasheet HTML 8Page - Texas Instruments CSD19533Q5A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CSD19533Q5A
www.ti.com
SLPS486A – DECEMBER 2013 – REVISED MAY 2014
5 Specifications
5.1
Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
100
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 80 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
2.2
2.8
3.4
V
VGS = 6 V, ID = 13 A
8.7
11.1
m
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 13 A
7.8
9.4
m
gfs
Transconductance
VDS = 10 V, ID = 13 A
63
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
2050
2670
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 50 V, ƒ = 1 MHz
395
514
pF
Crss
Reverse Transfer Capacitance
9.6
12.5
pF
RG
Series Gate Resistance
1.2
2.4
Qg
Gate Charge Total (10 V)
27
35
nC
Qgd
Gate Charge Gate to Drain
4.9
nC
VDS = 50 V, ID = 13 A
Qgs
Gate Charge Gate to Source
7.9
nC
Qg(th)
Gate Charge at Vth
5.7
nC
Qoss
Output Charge
VDS = 50 V, VGS = 0 V
75
nC
td(on)
Turn On Delay Time
6
ns
tr
Rise Time
6
ns
VDS = 50 V, VGS = 10 V,
IDS = 13 A, RG = 0 Ω
td(off)
Turn Off Delay Time
16
ns
tf
Fall Time
5
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 13 A, VGS = 0 V
0.8
1.0
V
Qrr
Reverse Recovery Charge
163
nC
VDS= 50 V, IF = 13 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
62
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance(1)
1.3
°C/W
RθJA
Junction-to-Ambient Thermal Resistance(1)(2)
50
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inches × 1.5-inches (3.81-
cm × 3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD19533Q5A


유사한 부품 번호 - CSD19533Q5A_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
More results

유사한 설명 - CSD19533Q5A_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19534KCS TI1-CSD19534KCS Datasheet
326Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19537Q3 TI1-CSD19537Q3 Datasheet
510Kb / 13P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19535KTT TI1-CSD19535KTT Datasheet
339Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19538Q2 TI1-CSD19538Q2 Datasheet
402Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19536KTT TI1-CSD19536KTT Datasheet
882Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A_16 Datasheet
743Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19534Q5A TI1-CSD19534Q5A Datasheet
374Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com