전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD19537Q3T 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD19537Q3T
상세설명  100V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19537Q3T 데이터시트(HTML) 5 Page - Texas Instruments

  CSD19537Q3T Datasheet HTML 1Page - Texas Instruments CSD19537Q3T Datasheet HTML 2Page - Texas Instruments CSD19537Q3T Datasheet HTML 3Page - Texas Instruments CSD19537Q3T Datasheet HTML 4Page - Texas Instruments CSD19537Q3T Datasheet HTML 5Page - Texas Instruments CSD19537Q3T Datasheet HTML 6Page - Texas Instruments CSD19537Q3T Datasheet HTML 7Page - Texas Instruments CSD19537Q3T Datasheet HTML 8Page - Texas Instruments CSD19537Q3T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
D006
VGS - Gate-To-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
D007
TC = 25°C, I D = 10 A
TC = 125°C, I D = 10 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
14
16
0
1
2
3
4
5
6
7
8
9
10
D004
VDS - Drain-to-Source Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
D005
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
VDS - Drain-to-Source Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
10
20
30
40
50
60
70
80
90
100
D002
VGS = 6 V
VGS = 8 V
VGS = 10 V
VGS - Gate-to-Source Voltage (V)
2
3
4
5
6
7
0
10
20
30
40
50
60
70
80
D003
TC = 125°C
TC = 25°C
TC = -55°C
5
CSD19537Q3
www.ti.com
SLPS549A – AUGUST 2015 – REVISED MAY 2016
Product Folder Links: CSD19537Q3
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
Figure 2. Saturation Characteristics
VDS = 5 V
Figure 3. Transfer Characteristics
ID = 10 A
VDS = 50 V
Figure 4. Gate Charge
Figure 5. Capacitance
ID = 250 µA
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage


유사한 부품 번호 - CSD19537Q3T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
[Old version datasheet]   CSD19537Q3 100 V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD19537Q3T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19534KCS TI1-CSD19534KCS Datasheet
326Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A_16 Datasheet
773Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19535KTT TI1-CSD19535KTT Datasheet
339Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19538Q2 TI1-CSD19538Q2 Datasheet
402Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19536KTT TI1-CSD19536KTT Datasheet
882Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A_16 Datasheet
743Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19534Q5A TI1-CSD19534Q5A Datasheet
374Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com