전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLW21HN900HQ2 데이터시트(PDF) 2 Page - Murata Manufacturing Co., Ltd.

부품명 DLW21HN900HQ2
상세설명  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLW21HN900HQ2 데이터시트(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DLW21HN900HQ2 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DLW21HN900HQ2 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DLW21HN900HQ2 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
DLW21HN900HQ2#
“#” indicates a package specification code.
Specifications
Shape
SMD
Size Code (in mm)
2012
Size Code (in inch)
0805
Length
2.0mm
Length Tolerance
±0.2mm
Width
1.2mm
Width Tolerance
±0.2mm
Thickness
0.9mm
Thickness Tolerance
±0.1mm
Common Mode Impedance (at
100MHz)
90Ω
Common Mode Impedance (at
100MHz) Tolerance
±25%
Rated Current
220.0mA
Rated Voltage
20Vdc
Withstanding Voltage
50Vdc
DC Resistance(max.)
0.59Ω
DC Resistance
0.59Ω max.
Insulation Resistance(min.)
10MΩ
Operating Temperature Range
-
40
to
85
Mass(typ.)
0.009g
Number of Circuit
1
Operating Temperature Range(Self-
temperature rise is included)
No
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/01


유사한 부품 번호 - DLW21HN900HQ2

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DLW21HN900HQ2 MURATA1-DLW21HN900HQ2 Datasheet
337Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW21HN900HQ2B MURATA-DLW21HN900HQ2B Datasheet
83Kb / 2P
   Common Mode Choke Coil Wire Wound Type DLW21H Series (0805 Size)
logo
Murata Manufacturing Co...
DLW21HN900HQ2B MURATA1-DLW21HN900HQ2B Datasheet
337Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLW21HN900HQ2L MURATA-DLW21HN900HQ2L Datasheet
83Kb / 2P
   Common Mode Choke Coil Wire Wound Type DLW21H Series (0805 Size)
logo
Murata Manufacturing Co...
DLW21HN900HQ2L MURATA1-DLW21HN900HQ2L Datasheet
337Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
More results

유사한 설명 - DLW21HN900HQ2

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com