전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD71NP 데이터시트(PDF) 4 Page - Jianghai Europe GmbH

부품명 CD71NP
상세설명  2000h at 85C
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JIANGHAI [Jianghai Europe GmbH]
홈페이지  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH

CD71NP 데이터시트(HTML) 4 Page - Jianghai Europe GmbH

  CD71NP Datasheet HTML 1Page - Jianghai Europe GmbH CD71NP Datasheet HTML 2Page - Jianghai Europe GmbH CD71NP Datasheet HTML 3Page - Jianghai Europe GmbH CD71NP Datasheet HTML 4Page - Jianghai Europe GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9
Assistance needed? Please contact JiAnGHAi EuroPE GmbH +49 (0) 2151 652088-72 or info@jianghai-europe.com
Part Number System
Dimensions for Ammopack taping
Order Code: FF (FD)
Code
Case Range
Dimensions
Form
Ø D
L (max) H ± 0,75 Ho ± 0,5
F +0,8
- 0,2 P ± 0,1
FF
4 ~ 5
13
18,5
-
2,5
12,7
B
6,3
13
18,5
-
2,5
12,7
A
8
13
18,5
-
3,5
12,7
4 ~ 8
7
17,5
16
5,0
12,7
B
5 ~ 6,3
13
18,5
8
22
20,0
10
22
18,5
-
A
12,5
27
18,5
-
15,0
FD
12,5
27
18,5
-
25,4
C
FF
16
27
18,5
-
7,5
30,0
in mm
Form A
Form B
Form C
F
F
F
22,5
22,5
Terminal
T6
T4
Pin Length
6,3
4,0
Technical Specification Snap-In Type
Pin Type: Snap-in Order Code: T6, T4
Pin Type: Soldering Order Code: S4
T6, T4
S4
Snap-in Terminal Order Code: P2, P3, P4 and Mounting Holes (Top view)
Soldering Terminal Order Code: P5
Negative
Mounting Holes
Mounting Holes
Negative
Terminal
P5
Mounting Holes
P3 only as T4 Terminal available, P4 for Ø D ≥ 30mm, P5 for Ø D ≥ 40mm
Positive
Negative
preferred
Terminal
Terminal
Terminal
P2
P3
P4


유사한 부품 번호 - CD71NP

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
CD71003 MOLEX4-CD71003 Datasheet
68Kb / 2P
   NylaKrimp??Butt Splice for 6 AWG Wire
logo
Jianghai Europe GmbH
CD71CNC JIANGHAI-CD71CNC Datasheet
1Mb / 4P
   1000h at 85C
CD71HNH JIANGHAI-CD71HNH Datasheet
1Mb / 4P
   2000h at 105C
More results

유사한 설명 - CD71NP

제조업체부품명데이터시트상세설명
logo
Jianghai Europe GmbH
CD117DL JIANGHAI-CD117DL Datasheet
1Mb / 3P
   2000h at 85C
CD117HDH JIANGHAI-CD117HDH Datasheet
1Mb / 5P
   2000h at 105C
CD71HNH JIANGHAI-CD71HNH Datasheet
1Mb / 4P
   2000h at 105C
CD286GK JIANGHAI-CD286GK Datasheet
1Mb / 5P
   2000h at 105
CD267PM JIANGHAI-CD267PM Datasheet
1Mb / 4P
   2000h at 105C
CD26LXL JIANGHAI-CD26LXL Datasheet
1Mb / 4P
   2000h at 105C
CD29SPJ JIANGHAI-CD29SPJ Datasheet
1Mb / 4P
   2000h at 105C
CD289PB JIANGHAI-CD289PB Datasheet
1Mb / 5P
   2000h at 105
CD71CNC JIANGHAI-CD71CNC Datasheet
1Mb / 4P
   1000h at 85C
CD13HBH JIANGHAI-CD13HBH Datasheet
681Kb / 7P
   4000h at 85C
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com