전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC1004Q 데이터시트(PDF) 3 Page - Texas Instruments

부품명 FDC1004Q
상세설명  4-Channel Capacitance-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FDC1004Q 데이터시트(HTML) 3 Page - Texas Instruments

  FDC1004Q Datasheet HTML 1Page - Texas Instruments FDC1004Q Datasheet HTML 2Page - Texas Instruments FDC1004Q Datasheet HTML 3Page - Texas Instruments FDC1004Q Datasheet HTML 4Page - Texas Instruments FDC1004Q Datasheet HTML 5Page - Texas Instruments FDC1004Q Datasheet HTML 6Page - Texas Instruments FDC1004Q Datasheet HTML 7Page - Texas Instruments FDC1004Q Datasheet HTML 8Page - Texas Instruments FDC1004Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
4
5
10
9
8
7
6
SHLD1
CIN1
CIN2
CIN3
CIN4
SDA
SCL
VDD
GND
SHLD2
FDC1004Q
www.ti.com
SNOSCZ4 – APRIL 2015
6 Pin Configuration and Functions
DGS Package
10 Pin VSSOP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
SHLD1
1
A
Capacitive Input Active AC Shielding.
Capacitive Input. The measured capacitance is connected between the CIN1 pin and GND. If
CIN1
2
A
not used, this pin should be left as an open circuit.
Capacitive Input. The measured capacitance is connected between the CIN2 pin and GND. If
CIN2
3
A
not used, this pin should be left as an open circuit.
Capacitive Input. The measured capacitance is connected between the CIN3 pin and GND. If
CIN3
4
A
not used, this pin should be left as an open circuit.
Capacitive Input. The measured capacitance is connected between the CIN4 pin and GND. If
CIN4
5
A
not used, this pin should be left as an open circuit.
SHLD2
6
A
Capacitive Input Active AC Shielding.
GND
7
G
Ground
Power Supply Voltage. This pin should be decoupled to GND, using a low impedance
VDD
8
P
capacitor, for example in combination with a 1-
μF tantalum and a 0.1-μF multilayer ceramic.
Serial Interface Clock Input. Connects to the master clock line. Requires pull-up resistor if not
SCL
9
I
already provided elsewhere in the system.
Serial Interface Bidirectional Data. Connects to the master data line. Requires a pull-up
SDA
10
I/O
resistor if not provided elsewhere in the system.
(1)
P=Power, G=Ground, I=Input, O=Output, A=Analog, I/O=Bi-Directional Input/Output
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: FDC1004Q


유사한 부품 번호 - FDC1004Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DGSR TI1-FDC1004DGSR Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DGST TI1-FDC1004DGST Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DSCJ TI1-FDC1004DSCJ Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DSCR TI1-FDC1004DSCR Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
More results

유사한 설명 - FDC1004Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com