전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC2112QDNTRQ1 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 FDC2112QDNTRQ1
상세설명  Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2112QDNTRQ1 데이터시트(HTML) 4 Page - Texas Instruments

  FDC2112QDNTRQ1 Datasheet HTML 1Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 2Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 3Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 4Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 5Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 6Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 7Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 8Page - Texas Instruments FDC2112QDNTRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1
SNOSCZ9 – MAY 2016
www.ti.com
Product Folder Links: FDC2112-Q1 FDC2114-Q1 FDC2212-Q1 FDC2214-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Supply voltage
5
V
Vi
Voltage on any pin
–0.3
VDD + 0.3
V
IA
Input current on any INx pin
–8
8
mA
ID
Input current on any digital pin
–5
5
mA
TJ
Junction temperature
–55
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC Q100-011
±750
6.3 Recommended Operating Conditions
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.7
3.6
V
TA
Operating temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
FDC2112 /
FDC2212
FDC2214 /
FDC2214
UNIT
DNT (WSON)
RGH (WQFN)
12 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
36.7
35.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
36.2
36.2
°C/W
RθJB
Junction-to-board thermal resistance
14
13.4
°C/W
ψJT
Junction-to-top characterization parameter
0.4
0.4
°C/W
ψJB
Junction-to-board characterization parameter
14.2
13.4
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.5
3.5
°C/W


유사한 부품 번호 - FDC2112QDNTRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC2112QDNTRQ1 TI1-FDC2112QDNTRQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
FDC2112QDNTRQ1 TI1-FDC2112QDNTRQ1 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
More results

유사한 설명 - FDC2112QDNTRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC2212 TI1-FDC2212_16 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
logo
Analog Devices
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI1-LDC1612 Datasheet
1Mb / 58P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com