전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC2214QRGHRQ1 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 FDC2214QRGHRQ1
상세설명  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214QRGHRQ1 데이터시트(HTML) 5 Page - Texas Instruments

  FDC2214QRGHRQ1 Datasheet HTML 1Page - Texas Instruments FDC2214QRGHRQ1 Datasheet HTML 2Page - Texas Instruments FDC2214QRGHRQ1 Datasheet HTML 3Page - Texas Instruments FDC2214QRGHRQ1 Datasheet HTML 4Page - Texas Instruments FDC2214QRGHRQ1 Datasheet HTML 5Page - Texas Instruments FDC2214QRGHRQ1 Datasheet HTML 6Page - Texas Instruments FDC2214QRGHRQ1 Datasheet HTML 7Page - Texas Instruments FDC2214QRGHRQ1 Datasheet HTML 8Page - Texas Instruments FDC2214QRGHRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IN3A
15
A
Capacitive sensor input 3 (FDC2114 / FDC2214 only)
IN3B
16
A
Capacitive sensor input 3 (FDC2114 / FDC2214 only)
DAP(2)
DAP
N/A
Connect to Ground
(2)
There is an internal electrical connection between the exposed Die Attach Pad (DAP) and the GND pin of the device. Although the DAP
can be left floating, for best performance the DAP should be connected to the same potential as the device's GND pin. Do not use the
DAP as the primary ground for the device. The device GND pin must always be connected to ground.
8 Specifications
8.1 Absolute Maximum Ratings
MIN
MAX
UNIT
VDD
Supply voltage range
5
V
Vi
Voltage on any pin
–0.3
VDD + 0.3
V
IA
Input current on any INx pin
–8
8
mA
ID
Input current on any digital pin
–5
5
mA
TJ
Junction temperature
–55
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8.2 ESD Ratings
VALUE
UNIT
FDC2112 / FDC2212 in 12-pin WSON package
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±750
C101(2)
FDC2114 / FDC2214 in 16-pin WQFN package
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±750
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.7
3.6
V
TA
Operating temperature
–40
125
°C
8.4 Thermal Information
FDC2112 /
FDC2214 /
FDC2212
FDC2214
THERMAL METRIC(1)
UNIT
DNT (WSON)
RGH (WQFN)
12 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
50
38
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114


유사한 부품 번호 - FDC2214QRGHRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC2214QRGHRQ1 TI1-FDC2214QRGHRQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
FDC2214QRGHRQ1 TI1-FDC2214QRGHRQ1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
More results

유사한 설명 - FDC2214QRGHRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com