전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADR01AUJ-REEL7 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADR01AUJ-REEL7
상세설명  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADR01AUJ-REEL7 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADR01AUJ-REEL7 Datasheet HTML 3Page - Analog Devices ADR01AUJ-REEL7 Datasheet HTML 4Page - Analog Devices ADR01AUJ-REEL7 Datasheet HTML 5Page - Analog Devices ADR01AUJ-REEL7 Datasheet HTML 6Page - Analog Devices ADR01AUJ-REEL7 Datasheet HTML 7Page - Analog Devices ADR01AUJ-REEL7 Datasheet HTML 8Page - Analog Devices ADR01AUJ-REEL7 Datasheet HTML 9Page - Analog Devices ADR01AUJ-REEL7 Datasheet HTML 10Page - Analog Devices ADR01AUJ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 7 of 20
DICE ELECTRICAL CHARACTERISTICS
VIN = up to 40 V, TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
ADR01NBC
VO
25°C
9.995
10.004
10.005
V
ADR02NBC
VO
25°C
4.997
5.002
5.003
V
Temperature Coefficient
TCVO
–40°C < TA < +125°C
10
ppm/°C
Line Regulation
ADR01NBC
∆VO/∆VIN
VIN = 15 V to 40 V
7
ppm/V
ADR02NBC
∆VO/∆VIN
VIN = 7 V to 40 V
7
ppm/V
Load Regulation
∆VO/∆ILOAD
ILOAD = 0 to 10 mA
40
ppm/mA
Quiescent Current
IIN
No load
0.65
mA
Voltage Noise
eN p-p
0.1 Hz to 10 Hz
25
µV p-p
TEMP
GND
TRIM
VOUT
(SENSE)
VOUT
(FORCE)
VIN
DIE SIZE: 0.83mm × 1.01mm
Figure 3. Die Layout


유사한 부품 번호 - ADR01AUJ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR01AUJZ-REEL7 AD-ADR01AUJZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01AUJZ-REEL7 AD-ADR01AUJZ-REEL7 Datasheet
523Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
ADR01AUJZ-REEL7 AD-ADR01AUJZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
More results

유사한 설명 - ADR01AUJ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADR03ARZ AD-ADR03ARZ Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR06 AD-ADR06_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02 AD-ADR02_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_12 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03 AD-ADR03_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKSZ-REEL7 AD-ADR03BKSZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
523Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Rev. R
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com