전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF356MWC 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LF356MWC
상세설명  JFET Input Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LF356MWC 데이터시트(HTML) 3 Page - Texas Instruments

  LF356MWC Datasheet HTML 1Page - Texas Instruments LF356MWC Datasheet HTML 2Page - Texas Instruments LF356MWC Datasheet HTML 3Page - Texas Instruments LF356MWC Datasheet HTML 4Page - Texas Instruments LF356MWC Datasheet HTML 5Page - Texas Instruments LF356MWC Datasheet HTML 6Page - Texas Instruments LF356MWC Datasheet HTML 7Page - Texas Instruments LF356MWC Datasheet HTML 8Page - Texas Instruments LF356MWC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
www.ti.com
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
LMC Package
D or P Package
8-Pin TO-99
8-Pin SOIC or PDIP
Top View
Top View
Available per JM38510/11401 or
JM38510/11402
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
BALANCE
1, 5
I
Balance for input offset voltage
+INPUT
3
I
Noninverting input
–INPUT
2
I
Inverting input
NC
8
No connection
OUTPUT
6
O
Output
V+
7
Positive power supply
V–
4
Negative power supply
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
LF156 LF256 LF356


유사한 부품 번호 - LF356MWC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LF356MWC TI1-LF356MWC Datasheet
1Mb / 28P
[Old version datasheet]   JFET Input Operational Amplifier
More results

유사한 설명 - LF356MWC

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com