전자부품 데이터시트 검색엔진 |
|
DLW5BSM501TQ2 데이터시트(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BSM501TQ2 데이터시트(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 3 page Product Search Data Sheet DLW5BSM501TQ2# “#” indicates a package specification code. < List of part numbers with package codes > DLW5BSM501TQ2K DLW5BSM501TQ2B DLW5BSM501TQ2L Appearance & Shape Applications Other Usage For general Packaging Information Packaging Specifications Minimum Order Quantity B Bulk(Bag) 100 K 330mm Embossed Tape 1500 L 180mm Embossed Tape 400 Features Features 1. Small size (5.0x5.0mm) and high rated current (1 to 2A) 2. High common mode Impedance (max 2800ohm,at 10MHz.) 3. Operating Temperature : Range - ℃ 40 to ℃ +105 Applications 1. DC power lines in AC adapters of Portable equipment 2. DC power lines of DC-DC converters, battery chargers 1 of 3 Atten ti o n 1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.T his datasheet has only typical specifications because there is no space for detailed specifications. T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last : updated 2016/08/03 |
유사한 부품 번호 - DLW5BSM501TQ2 |
|
유사한 설명 - DLW5BSM501TQ2 |