전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADXL311JE 데이터시트(PDF) 2 Page - Analog Devices

부품명 ADXL311JE
상세설명  Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADXL311JE 데이터시트(HTML) 2 Page - Analog Devices

  ADXL311JE Datasheet HTML 1Page - Analog Devices ADXL311JE Datasheet HTML 2Page - Analog Devices ADXL311JE Datasheet HTML 3Page - Analog Devices ADXL311JE Datasheet HTML 4Page - Analog Devices ADXL311JE Datasheet HTML 5Page - Analog Devices ADXL311JE Datasheet HTML 6Page - Analog Devices ADXL311JE Datasheet HTML 7Page - Analog Devices ADXL311JE Datasheet HTML 8Page - Analog Devices ADXL311JE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADXL311
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Typical Performance Characteristics ............................................. 5
Theory of Operation ........................................................................ 7
Applications................................................................................... 7
Design Trade-Offs for Selecting Filter Characteristics: The
Noise/BW Trade-Off.................................................................... 7
Using the ADXL311 as a Dual-Axis Tilt Sensor....................... 8
Pin Configuration and Functional Descriptions...........................9
Outline Dimensions ....................................................................... 10
Ordering Guide .......................................................................... 10
REVISION HISTORY
7/03—Data sheet changed from Rev. 0 to Rev. A.
Change to OUTLINE DIMENSIONS.......................................... 10
Revision 0: Initial Version
Rev. A | Page 2 of 12


유사한 부품 번호 - ADXL311JE

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
   Ultracompact 2g Dual-Axis Accelerometer
More results

유사한 설명 - ADXL311JE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
logo
STMicroelectronics
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
   MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
logo
STMicroelectronics
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output ultracompact accelerometer
logo
Analog Devices
ADXL212 AD-ADXL212 Datasheet
262Kb / 12P
   Precision 짹2 g Dual Axis, PWM Output Accelerometer
REV. 0
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
   Ultracompact 2g Dual-Axis Accelerometer
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com