전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM113QML 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM113QML
상세설명  Reference Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM113QML 데이터시트(HTML) 3 Page - Texas Instruments

  LM113QML_13 Datasheet HTML 1Page - Texas Instruments LM113QML_13 Datasheet HTML 2Page - Texas Instruments LM113QML_13 Datasheet HTML 3Page - Texas Instruments LM113QML_13 Datasheet HTML 4Page - Texas Instruments LM113QML_13 Datasheet HTML 5Page - Texas Instruments LM113QML_13 Datasheet HTML 6Page - Texas Instruments LM113QML_13 Datasheet HTML 7Page - Texas Instruments LM113QML_13 Datasheet HTML 8Page - Texas Instruments LM113QML_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM113QML, LM113QML-SP
www.ti.com
SNVS367A – DECEMBER 2010 – REVISED APRIL 2013
Table 1. QUALITY CONFORMANCE
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
LM113 ELECTRICAL CHARACTERISTICS DC PARAMETERS
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
1.16
1.28
V
1
VZR
Zener Voltage
IR = 1 mA
1.157
1.283
V
2, 3
0.5mA
≤ IR ≤ 20mA
15
mV
1
ΔVZR
Delta Zener Voltage
0.5mA
≤ IR ≤ 10mA
15
mV
2, 3
VF
Forward Voltage Drop
IF = 1mA
1.0
V
1, 2, 3
IR = 1mA
1.0
4
RR
Reverse Dynamic Impedance
See(1)
IR = 10mA
0.8
4
(1)
Specified parameter, not tested.
LM113 ELECTRICAL CHARACTERISTICS DC DRIFT PARAMETERS
Delta Calculations performed on QMLV devices at Group B, Subgroup 5, only.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VZR
Zener Voltage
IR = 1mA
-0.02
0.02
V
1
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM113QML LM113QML-SP
LM113QML is Obsolete


유사한 부품 번호 - LM113QML_13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM113QML-SP TI-LM113QML-SP_15 Datasheet
276Kb / 10P
[Old version datasheet]   LM113QML Reference Diode
More results

유사한 설명 - LM113QML_13

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM113 NSC-LM113 Datasheet
126Kb / 4P
   Reference Diode
logo
Texas Instruments
LM136-2.5-N TI1-LM136-2.5-N_14 Datasheet
453Kb / 16P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM136A-2.5 NSC-LM136A-2.5 Datasheet
276Kb / 12P
   Reference Diode
LM136-2.5 NSC-LM136-2.5_05 Datasheet
679Kb / 12P
   Reference Diode
LM336-2.5 NSC-LM336-2.5 Datasheet
223Kb / 12P
   Reference Diode
logo
Texas Instruments
LM113 TI1-LM113_13 Datasheet
293Kb / 10P
[Old version datasheet]   Reference Diode
LM336BMX-2.5 TI1-LM336BMX-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM136A-2.5 NSC-LM136A-2.5_09 Datasheet
311Kb / 14P
   Reference Diode
logo
Central Semiconductor C...
CMPD200 CENTRAL-CMPD200 Datasheet
59Kb / 2P
   FORWARD REFERENCE DIODE
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com