전자부품 데이터시트 검색엔진 |
|
LM139AWG-SMD 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
LM139AWG-SMD 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 29 page 3 OUT1 2 OUT2 1 N/C 20 OUT3 19 OUT4 9 10 11 12 13 IN-2 IN+2 N/C IN-3 IN+3 18 GND 17 N/C 16 IN+4 15 N/C 14 IN-4 V+ 4 N/C 5 IN-1 6 N/C 7 IN+1 8 LM139AQML, LM139QML SNOSAH8G – FEBRUARY 2005 – REVISED MARCH 2013 www.ti.com Connection Diagrams Dual-In-Line Package See Package Number J(R-GDIP-14) See Package Number NAD0014B, NAC0014A See Package Number NAJ002A These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. 2 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: LM139AQML LM139QML |
유사한 부품 번호 - LM139AWG-SMD |
|
유사한 설명 - LM139AWG-SMD |