전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM320C40HFHM40 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 SM320C40HFHM40
상세설명  DIGITAL SIGNAL PROCESSORS
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C40HFHM40 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SM320C40HFHM40 Datasheet HTML 5Page - Texas Instruments SM320C40HFHM40 Datasheet HTML 6Page - Texas Instruments SM320C40HFHM40 Datasheet HTML 7Page - Texas Instruments SM320C40HFHM40 Datasheet HTML 8Page - Texas Instruments SM320C40HFHM40 Datasheet HTML 9Page - Texas Instruments SM320C40HFHM40 Datasheet HTML 10Page - Texas Instruments SM320C40HFHM40 Datasheet HTML 11Page - Texas Instruments SM320C40HFHM40 Datasheet HTML 12Page - Texas Instruments SM320C40HFHM40 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H -- OCTOBER 1993 -- REVISED OCTOBER 2001
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
memory map
Figure 3 shows the memory map for the 320C40. See the TMS320C4x User’s Guide (literature number
SPRU063) for a detailed description of this memory mapping.
000000000h
000000FFFh
000001000h
0000FFFFFh
000100000h
0001000FFh
000100100h
0001FFFFFh
000200000h
0002FF7FFh
0002FF800h
0002FFBFFh
0002FFC00h
0002FFFFFh
000300000h
07FFFFFFFh
080000000h
0FFFFFFFFh
Accessible Local Bus
(External)
Peripherals (Internal)
Reserved
Reserved
1K RAM BLK 0 (Internal)
1K RAM BLK 1 (Internal)
Local Bus
(External)
Global Bus (External)
(a) Internal ROM Disabled
(ROMEN = 0)
Microprocessor Mode
Boot-Loader ROM
(Internal)
Peripherals (Internal)
Reserved
Reserved
1K RAM BLK 0 (Internal)
1K RAM BLK 1 (Internal)
Local Bus
(External)
Global Bus (External)
(b) Internal ROM Enabled
(ROMEN = 1)
Microcomputer Mode
1M
1M
1M
2G--3M
Structure
Depends
Upon
ROMEN Bit
Structure
Identical
2G
2G
Reserved
Figure 3. Memory Map for 320C40


유사한 부품 번호 - SM320C40HFHM40

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM320C40HFHM40 TI-SM320C40HFHM40 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

유사한 설명 - SM320C40HFHM40

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com