전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2588S-ADJ 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2588S-ADJ
상세설명  SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2588S-ADJ 데이터시트(HTML) 3 Page - Texas Instruments

  LM2588S-ADJ Datasheet HTML 1Page - Texas Instruments LM2588S-ADJ Datasheet HTML 2Page - Texas Instruments LM2588S-ADJ Datasheet HTML 3Page - Texas Instruments LM2588S-ADJ Datasheet HTML 4Page - Texas Instruments LM2588S-ADJ Datasheet HTML 5Page - Texas Instruments LM2588S-ADJ Datasheet HTML 6Page - Texas Instruments LM2588S-ADJ Datasheet HTML 7Page - Texas Instruments LM2588S-ADJ Datasheet HTML 8Page - Texas Instruments LM2588S-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LM2588
www.ti.com
SNVS117D – APRIL 1998 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Input Voltage
−0.4V ≤ VIN ≤ 45V
Switch Voltage
−0.4V ≤ VSW ≤ 65V
Switch Current(3)
Internally Limited
Compensation Pin Voltage
−0.4V ≤ VCOMP ≤ 2.4V
Feedback Pin Voltage
−0.4V ≤ VFB ≤ 2 VOUT
ON /OFF Pin Voltage
−0.4V ≤ VSH ≤ 6V
Sync Pin Voltage
−0.4V ≤ VSYNC ≤ 2V
Power Dissipation(4)
Internally Limited
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec.)
260°C
Maximum Junction Temperature(4)
150°C
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. These ratings apply when the current is
limited to less than 1.2 mA for pins 1, 2, 3, and 6. Operating ratings indicate conditions for which the device is intended to be functional,
but device parameter specifications may not be ensured under these conditions. For ensured specifications and test conditions, see the
Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Note that switch current and output current are not identical in a step-up regulator. Output current cannot be internally limited when the
LM2588 is used as a step-up regulator. To prevent damage to the switch, the output current must be externally limited to 5A. However,
output current is internally limited when the LM2588 is used as a flyback regulator (see the Application Hints section for more
information).
(4)
The junction temperature of the device (TJ) is a function of the ambient temperature (TA), the junction-to-ambient thermal resistance
(
θJA), and the power dissipation of the device (PD). A thermal shutdown will occur if the temperature exceeds the maximum junction
temperature of the device: PD × θJA + TA(MAX) ≥ TJ(MAX). For a safe thermal design, check that the maximum power dissipated by the
device is less than: PD ≤ [TJ(MAX) − TA(MAX)]/θJA. When calculating the maximum allowable power dissipation, derate the maximum
junction temperature—this ensures a margin of safety in the thermal design.
Operating Ratings
Supply Voltage
4V
≤ VIN ≤ 40V
Output Switch Voltage
0V
≤ VSW ≤ 60V
Output Switch Current
ISW ≤ 5.0A
Junction Temperature Range
−40°C ≤ TJ ≤ +125°C
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2588


유사한 부품 번호 - LM2588S-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2588S-ADJ NSC-LM2588S-ADJ Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2588S-ADJ NSC-LM2588S-ADJ Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588S-ADJ TI1-LM2588S-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2588S-ADJ/NOPB TI1-LM2588S-ADJ/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
More results

유사한 설명 - LM2588S-ADJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2588T-5 TI1-LM2588T-5 Datasheet
2Mb / 38P
[Old version datasheet]   LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2587T-ADJ TI1-LM2587T-ADJ Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER 5A Flyback Regulator
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com