전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2591HVS-ADJ 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2591HVS-ADJ
상세설명  SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2591HVS-ADJ 데이터시트(HTML) 2 Page - Texas Instruments

  LM2591HVS-ADJ Datasheet HTML 1Page - Texas Instruments LM2591HVS-ADJ Datasheet HTML 2Page - Texas Instruments LM2591HVS-ADJ Datasheet HTML 3Page - Texas Instruments LM2591HVS-ADJ Datasheet HTML 4Page - Texas Instruments LM2591HVS-ADJ Datasheet HTML 5Page - Texas Instruments LM2591HVS-ADJ Datasheet HTML 6Page - Texas Instruments LM2591HVS-ADJ Datasheet HTML 7Page - Texas Instruments LM2591HVS-ADJ Datasheet HTML 8Page - Texas Instruments LM2591HVS-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
LM2591HV
SNVS074E – MAY 2001 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2591HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics LM2591HV-3.3 ................. 5
7.6
Electrical Characteristics LM2591HV-5.0 ................. 5
7.7
Electrical Characteristics LM2591HV-ADJ................ 5
7.8
Electrical Characteristics All Output Voltage
Versions ..................................................................... 6
7.9
Typical Characteristics .............................................. 7
8
Parameter Measurement Information ................ 10
8.1
Test Circuits ............................................................ 10
9
Detailed Description ............................................ 11
9.1
Overview ................................................................. 11
9.2
Functional Block Diagram ....................................... 11
9.3
Feature Description................................................. 11
9.4
Device Functional Modes........................................ 13
10
Application and Implementation........................ 14
10.1
Application Information.......................................... 14
10.2
Typical Application ............................................... 18
11
Power Supply Recommendations ..................... 21
12
Layout................................................................... 21
12.1
Layout Guidelines ................................................. 21
12.2
Layout Examples................................................... 22
13
Device and Documentation Support ................. 24
13.1
Community Resources.......................................... 24
13.2
Trademarks ........................................................... 24
13.3
Electrostatic Discharge Caution ............................ 24
13.4
Glossary ................................................................ 24
14
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (April 2013) to Revision E
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision C (April 2013) to Revision D
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 21


유사한 부품 번호 - LM2591HVS-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2591HVS-ADJ NSC-LM2591HVS-ADJ Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2591HVS-ADJ TI-LM2591HVS-ADJ Datasheet
3Mb / 29P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER Power onverter 150 kHz 1A Step-Down Voltage
logo
Guangdong Youtai Semico...
LM2591HVS-ADJ UMW-LM2591HVS-ADJ Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
More results

유사한 설명 - LM2591HVS-ADJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com