전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM25119Q 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 LM25119Q
상세설명  Wide Input Range, Dual Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM25119Q 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM25119Q Datasheet HTML 4Page - Texas Instruments LM25119Q Datasheet HTML 5Page - Texas Instruments LM25119Q Datasheet HTML 6Page - Texas Instruments LM25119Q Datasheet HTML 7Page - Texas Instruments LM25119Q Datasheet HTML 8Page - Texas Instruments LM25119Q Datasheet HTML 9Page - Texas Instruments LM25119Q Datasheet HTML 10Page - Texas Instruments LM25119Q Datasheet HTML 11Page - Texas Instruments LM25119Q Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
LM25119, LM25119-Q1
SNVS680H – AUGUST 2010 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM25119
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature
range. VIN = 36 V, VCC = 8 V, VCCDIS = 0 V, EN2 = 5 V, RT = 25 kΩ, and no load on LO or HO (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
HB DC bias current
HB – SW = 8 V
70
100
µA
THERMAL
TSD
Thermal shutdown
Rising
165
°C
Thermal shutdown hysteresis
25
°C
6.7 Switching Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature
range. VIN = 36 V, VCC = 8 V, VCCDIS = 0 V, EN2 = 5 V, RT = 25 kΩ, and no load on LO or HO (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LO fall to HO rise delay
No load
70
ns
HO fall to LO rise delay
No load
60
ns


유사한 부품 번호 - LM25119Q

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25119 NSC-LM25119 Datasheet
1Mb / 10P
   Evaluation Board provides the design engineer with a fully functional
logo
Texas Instruments
LM25119 TI-LM25119 Datasheet
1Mb / 33P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
LM25119PSQE TI-LM25119PSQE Datasheet
1Mb / 33P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
LM25119 TI-LM25119_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
More results

유사한 설명 - LM25119Q

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com