전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM28LVT32SKGD3 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SM28LVT32SKGD3
상세설명  32-MBIT HIGH-TEMPERATURE FLASH MEMORY WITH SERIAL PERIPHERAL INTERFACE (SPI) BUS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SM28LVT32SKGD3 데이터시트(HTML) 1 Page - Texas Instruments

  SM28LVT32SKGD3 Datasheet HTML 1Page - Texas Instruments SM28LVT32SKGD3 Datasheet HTML 2Page - Texas Instruments SM28LVT32SKGD3 Datasheet HTML 3Page - Texas Instruments SM28LVT32SKGD3 Datasheet HTML 4Page - Texas Instruments SM28LVT32SKGD3 Datasheet HTML 5Page - Texas Instruments SM28LVT32SKGD3 Datasheet HTML 6Page - Texas Instruments SM28LVT32SKGD3 Datasheet HTML 7Page - Texas Instruments SM28LVT32SKGD3 Datasheet HTML 8Page - Texas Instruments SM28LVT32SKGD3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
VSS
HOLD#
RST#
WP#
FLCLK
VIO
VCORE
VSS
SCK
SI
SO
CS#
VIO
VCORE
SM28VLT32-HT
www.ti.com
SLVSAO2C – NOVEMBER 2012 – REVISED MARCH 2013
32-MBIT HIGH-TEMPERATURE FLASH MEMORY
WITH SERIAL PERIPHERAL INTERFACE (SPI) BUS
Check for Samples: SM28VLT32-HT
1
FEATURES
32-Megabit Flash for High-Temperature
SUPPORTS EXTREME TEMPERATURE
Applications
APPLICATIONS
Serial Peripheral Interface (SPI) Compatible
Controlled Baseline
(Mode 0 and 3)
One Assembly and Test Site
3.3-V Supply for IO, 1.9 V for Core
One Fabrication Site
2-M x 16-Bit Word Access
Available in Extreme (–55°C to 210°C)
Asynchronous Read, Write, and Erase
Temperature Range (1)
Operations
Extended Product Life Cycle
Erase Operation Supported Only for -55°C to
Extended Product-Change Notification
125°C
Product Traceability
12-MHz Maximum Clock Frequency
Texas Instruments high temperature products
Endurance: 1000 Program and Erase Cycles
utilize highly optimized silicon (die) solutions
Data Retention: 1000 hrs
with design and process enhancements to
maximize performance over extended
ESD Protection: 2-kV HBM, 500-V CDM
temperatures. All devices are characterized
8-mm x 20-mm 14-Pin Ceramic HKN Package
and qualified for 1000 hours continuous
and KGD (Bare Die) Package
operating life at maximum rated temperature.
HKN PACKAGE
APPLICATIONS
(TOP VIEW)
Down-Hole Energy Drilling
Test and Measurement Equipment
Seismic Data Collection at Extreme
Temperatures
General Data Collection Applications at
Extreme High- and Low-Temperatures
(1)
Custom temperature ranges available
DESCRIPTION
SM28VLT32 is a 32-Megabit Flash Memory designed to store program code and/or data from acquisition. The
wide temperature rating of this device makes it ideal for applications that need to perform reliably in harsh
environments. SM28VLT32 with its serial peripheral interface (SPI) offers low pin count for additional reliability
and easy assembly in these applications.
The memory is partitioned as sectors to provide addressing of 2-M words of 16 bits each. Thus, the memory
address is 21 bits wide.
SM28VLT32 supports serial peripheral interface to read/write/erase data in the flash memory. The interface is
compliant with mode 0 (CPOL = 0, CPHA = 0) and 3 (CPOL = 1, CPHA = 1). Asserting CS# enables the device
to enter communication mode. With CS# de-asserted, the device ignores all activity on the SPI pins. As shown in
Figure 1, multiple SM28VLT32 devices can be controlled from a single Master by independently controlling CS#
pins in order to realize larger memory in the application. Asserting the HOLD# pin (while CS# is also asserted)
will let the device ignore activity on the other SPI input pins (SCK and SI).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - SM28LVT32SKGD3

제조업체부품명데이터시트상세설명
logo
Sinopower Semiconductor...
SM2801PSQ SINOPWER-SM2801PSQ Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2801PSQC-TRG SINOPWER-SM2801PSQC-TRG Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2802DSQ SINOPWER-SM2802DSQ Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
SM2802DSQC-TRG SINOPWER-SM2802DSQC-TRG Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
logo
DB Unlimited.
SM280404-1 DBUNLIMITED-SM280404-1 Datasheet
724Kb / 1P
   Released from Engineering
More results

유사한 설명 - SM28LVT32SKGD3

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Numonyx B.V
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
   32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
SPANSION
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com