전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LKC05-48S3P3W 데이터시트(PDF) 4 Page - Power Mate Technology Co., LTD

부품명 LKC05-48S3P3W
상세설명  4:1 ULTRA WIDE INPUT RANGE UP TO 5 WATTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  P-DUKE [Power Mate Technology Co., LTD]
홈페이지  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LKC05-48S3P3W 데이터시트(HTML) 4 Page - Power Mate Technology Co., LTD

  LKC05-48S3P3W Datasheet HTML 1Page - Power Mate Technology Co., LTD LKC05-48S3P3W Datasheet HTML 2Page - Power Mate Technology Co., LTD LKC05-48S3P3W Datasheet HTML 3Page - Power Mate Technology Co., LTD LKC05-48S3P3W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LKC05W
4
www.PDUKE.com
2016/03/29
MECHANICAL DRAWING
PIN CONNECTION
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)
LKC05-□□S□□W
PIN
DEFINE
PIN
DEFINE
1
+Vin
24
-Vin
2
+Vin
23
-Vin
3
Case
22
Ctrl
10
No pin
15
+Vout
11
No pin
14
-Vout
12
Case
13
Trim
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method shown
below.
LKC05-□□S□□W; LKC05-□□DS□□W
LKC05-□□D□□W
LKC05-□□D□□W
PIN
DEFINE
PIN
DEFINE
1
+Vin
24
-Vin
2
+Vin
23
-Vin
3
Case
22
Ctrl
10
Com
15
Com
11
+Vout 1
14
-Vout 2
12
Case
13
Trim
LKC05-□□DS□□W
PIN
DEFINE
PIN
DEFINE
1
+Vin
24
-Vin
2
+Vin
23
-Vin
3
Case
22
Ctrl
10
-Vout 1
(Aux)
15
+Vout 2
(Main)
11
+Vout 1
(Aux)
14
-Vout 2
(Main)
12
Case
13
Trim


유사한 설명 - LKC05-48S3P3W

제조업체부품명데이터시트상세설명
logo
Power Mate Technology C...
FKC08W P-DUKE-FKC08W_15 Datasheet
542Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDS05W P-DUKE-SDS05W_15 Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
FKC12W P-DUKE-FKC12W_15 Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
SDH03W P-DUKE-SDH03W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
SDH05W P-DUKE-SDH05W Datasheet
604Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
PDL06W P-DUKE-PDL06W Datasheet
988Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 6 Watts
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com