전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM320C26B 데이터시트(PDF) 4 Page - Texas Instruments

부품명 SM320C26B
상세설명  DIGITAL SIGNAL PROCESSOR
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C26B 데이터시트(HTML) 4 Page - Texas Instruments

  SM320C26B Datasheet HTML 1Page - Texas Instruments SM320C26B Datasheet HTML 2Page - Texas Instruments SM320C26B Datasheet HTML 3Page - Texas Instruments SM320C26B Datasheet HTML 4Page - Texas Instruments SM320C26B Datasheet HTML 5Page - Texas Instruments SM320C26B Datasheet HTML 6Page - Texas Instruments SM320C26B Datasheet HTML 7Page - Texas Instruments SM320C26B Datasheet HTML 8Page - Texas Instruments SM320C26B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
SM320C26B
SGUS069A – NOVEMBER 2012 – REVISED NOVEMBER 2012
www.ti.com
Table 2-1. Terminal Functions (continued)
TERMINAL
TYPE(1)
DESCRIPTION
NAME
PIN
Hold input. When asserted, SM320C26B goes into an idle mode and places the data,
HOLD
67
I
address, and control lines in the high-impedance state.
HOLDA
55
O
Hold acknowledge signal
IACK
60
O
Interrupt acknowledge signal
INT0
20
INT1
21
I
External user interrupt inputs
INT2
22
DS
45
IS
46
O/Z
Program, data, and I/O space select signals
PS
47
MP/MC
1
I
Microprocessor/microcomputer mode select pin
MSC
59
O
Microstate complete signal
Data ready input. Asserted by external logic when using slower devices to indicate that
READY
66
I
the current bus transaction is complete.
RS
65
I
Reset input
R/W
48
O/Z
Read/write signal
STRB
49
O/Z
Strobe signal
SYNC
19
I
Synchronization input
23
35
VCC
I
5-V supply pins
61
62
10
VSS
I
Ground pins
44
XF
56
O
External flag output (latched software-programmable signal)
X1
51
O
Output from internal oscillator for crystal
X2/CLKIN
52
I
Input to internal oscillator from crystal or external clock
4
Device Information
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: SM320C26B


유사한 부품 번호 - SM320C26B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM320C26BFJM TI1-SM320C26BFJM Datasheet
616Kb / 40P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26BGBM TI1-SM320C26BGBM Datasheet
616Kb / 40P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

유사한 설명 - SM320C26B

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com