전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS47024 데이터시트(PDF) 11 Page - Cirrus Logic

부품명 CS47024
상세설명  CS470xx Data Sheet
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 데이터시트(HTML) 11 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 7Page - Cirrus Logic CS47024 Datasheet HTML 8Page - Cirrus Logic CS47024 Datasheet HTML 9Page - Cirrus Logic CS47024 Datasheet HTML 10Page - Cirrus Logic CS47024 Datasheet HTML 11Page - Cirrus Logic CS47024 Datasheet HTML 12Page - Cirrus Logic CS47024 Datasheet HTML 13Page - Cirrus Logic CS47024 Datasheet HTML 14Page - Cirrus Logic CS47024 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
DS787PP9
4.4 DSP I/O Description
4.3.8
Serial Control Port (I2C or SPI)
The on-chip serial control port is capable of operating as master or slave in either SPI or I2C modes. Master/Slave
operation is chosen by mode select pins when the CS470xx comes out of reset. The serial clock pin can support
frequencies as high as 25 MHz in SPI mode (SPI clock speed must always be < (DSP Core Frequency/2)). The CS470xx
serial control port also includes a pin for flow control of the communications interface (SCP_BSY) and a pin to indicate
when the DSP has a message for the host (SCP_IRQ).
4.3.9
GPIO
Many of the CS470xx peripheral pins are multiplexed with GPIO. Each GPIO can be configured as an output, an input, or
an input with interrupt. Each input-pin interrupt can be configured as rising edge, falling edge, active-low, or active-high.
4.3.10
PLL-based Clock Generator
The low-jitter PLL generates integer or fractional multiples of a reference frequency, which is used to clock the DSP core
and peripherals. Through a second PLL divider chain, a dependent clock domain can be output on the DAO port for driving
audio converters. The CS470xx defaults to running from the external reference frequency and is switched to use the PLL
output after overlays have been loaded and configured, either through master boot from an external flash or through host
control. A built-in crystal oscillator circuit with a buffered output is provided. The buffered output frequency ratio is
selectable between 1:1 (default) or 2:1.
4.3.11
Hardware Watchdog Timer
The CS470xx has an integrated watchdog timer that acts as a “health” monitor for the DSP. The watchdog timer must be
reset by the DSP before the counter expires, or the entire chip is reset. This peripheral ensures that the CS470xx resets
itself in the event of a temporary system failure. In stand-alone mode (where there is no host MCU), the DSP reboots from
external flash. In slave mode (where the host MCU is present), a GPIO is used to signal the host that the watchdog has
expired and the DSP should be rebooted and re-configured.
4.4 DSP I/O Description
4.4.1
Multiplexed Pins
Many of the CS470xx pins are multifunctional. For details on pin functionality, see Section 10.5, “Pin Assignments”, in the
CS470xx Hardware User’s Manual
.
4.4.2
Termination Requirements
Open-drain pins on the CS470xx must be pulled high for proper operation. See the CS470xx Hardware User’s Manual to
identify which pins are open-drain and what value of pull-up resistor is required for proper operation.
Mode select pins on CS470xx are used to select the boot mode on the rising edge from reset. A detailed explanation of
termination requirements for each communication mode select pin can be found in the CS470xx Hardware User’s Manual.
4.4.3
Pads
The CS470xx Digital I/Os operate from the 3.3 V supply and are 5 V tolerant.
4.5 Application Code Security
The external program code can be encrypted by the programmer to protect any intellectual property it contains. A secret,
customer-specific key is used to encrypt the program code that is to be stored external to the device. Contact your local
Cirrus representative for details.


유사한 부품 번호 - CS47024

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS47024C-CQZ CIRRUS-CS47024C-CQZ Datasheet
692Kb / 40P
   Audio SOC Processor Family
CS47024C-DQZ CIRRUS-CS47024C-DQZ Datasheet
692Kb / 40P
   Audio SOC Processor Family
More results

유사한 설명 - CS47024

제조업체부품명데이터시트상세설명
logo
Cirrus Logic
CS47028 CIRRUS-CS47028 Datasheet
1Mb / 32P
   CS470xx Data Sheet
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
   DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
   Data Sheet
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
   Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
   Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
   Data Sheet
logo
Freescale Semiconductor...
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
   Microcontroller Data Sheet
MC9S12NE64V1 FREESCALE-MC9S12NE64V1 Datasheet
3Mb / 554P
   MC9S12NE64V1 Data Sheet
logo
Murata Manufacturing Co...
GRM188F51E474ZA01D MURATA-GRM188F51E474ZA01D Datasheet
43Kb / 1P
   Capacitor data sheet
GRM1885C1E122JA01D MURATA-GRM1885C1E122JA01D Datasheet
43Kb / 1P
   Capacitor data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com