전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM72240 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SM72240
상세설명  SM72240 SolarMagic 5-Pin Microprocessor Reset Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SM72240 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SM72240 Datasheet HTML 2Page - Texas Instruments SM72240 Datasheet HTML 3Page - Texas Instruments SM72240 Datasheet HTML 4Page - Texas Instruments SM72240 Datasheet HTML 5Page - Texas Instruments SM72240 Datasheet HTML 6Page - Texas Instruments SM72240 Datasheet HTML 7Page - Texas Instruments SM72240 Datasheet HTML 8Page - Texas Instruments SM72240 Datasheet HTML 9Page - Texas Instruments SM72240 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SM72240
SNIS154C – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
The SM72240 reset output ignores short duration glitches on VCC and MR. See the Applications Information
section for details.
RESET THRESHOLD
The SM72240 is available with a reset voltage of 4.63V or 3.08V which are suitable for monitoring 5.0V or 3.3V
supplies respectively.
MANUAL RESET INPUT (MR)
Many µP-based products require a manual reset capability, allowing the operator to initiate a reset. The MR input
is fully debounced and provides an internal 22 k
Ω pull-up. When the MR input is pulled below VIL (0.25VCC) for
more than 100 ns, reset is asserted after a typical delay of 2 µs. Reset remains active as long as MR is held low,
and releases after MR rises above VIH and the reset timeout period expires. Use MR with digital logic to assert
reset or to daisy chain supervisory circuits.
Applications Information
BENEFITS OF PRECISION RESET THRESHOLDS
A microprocessor supply supervisor must provide a reset output within a predictable range of the supply voltage.
A common threshold range is between 5% and 10% below the nominal supply voltage. The SM72240 uses
highly accurate circuitry to ensure that the reset threshold occurs only within this range (for 5.0V and 3.3V
supplies). Table 1 shows how the standard reset threshold applies to 5.0V and 3.3V nominal supply voltages.
Table 1. Monitored Tolerance Table
Supply Voltage
Reset Threshold
3.3V
5.0V
4.63 ± %
90.8-94.4%
3.08 ± %
91.8–95.2%
ENSURING A VALID RESET OUTPUT DOWN TO VCC = 0V
When VCC falls below 1V, the SM72240 RESET output is unable to sink the rated current. A high-impedance
CMOS logic input connected to RESET can therefore drift to undetermined voltages. To prevent this situation, a
100k
Ω resistor should be connected from the RESET output to ground, as shown in Figure 11.
Figure 11. Circuit for RESET Valid from VCC = 0V
OPEN DRAIN OUTPUT
An open drain output allows easy paralleling of multiple microprocessor reset circuits without requiring additional
logic gates. Open drain outputs also allow interfacing devices of differing logic levels or families, since the output
pull-up resistor may be connected to any supply voltage up to 5.5V, regardless of VCC.
The pull up resistor is calculated so that maximum current flow into RESET is less than 10 mA when activated.
The resistor must be small enough so that the leakage current of all connected devices does not create an
excessive voltage drop when the output is not activated. A resistor value of 100 k
Ω will generally suffice.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM72240


유사한 부품 번호 - SM72240

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
SM72238 NSC-SM72238 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238 TI-SM72238 Datasheet
1Mb / 17P
[Old version datasheet]   SM72238TD-50
logo
National Semiconductor ...
SM72238TD-3.0 NSC-SM72238TD-3.0 Datasheet
404Kb / 12P
   SolarMagic Micropower Voltage Regulator
logo
Texas Instruments
SM72238TD-3.0 TI-SM72238TD-3.0 Datasheet
1Mb / 17P
[Old version datasheet]   SM72238TD-50
SM72238TD-3.0/NOPB TI1-SM72238TD-3.0/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   Micropower Voltage Regulator
More results

유사한 설명 - SM72240

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
APX803-29SAG-7 DIODES-APX803-29SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803S DIODES-APX803S Datasheet
356Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUIT
January 2017
logo
National Semiconductor ...
LM3722 NSC-LM3722 Datasheet
219Kb / 12P
   5-Pin Microprocessor Reset Circuits
logo
EM Microelectronic - MA...
V6309 EMMICRO-V6309 Datasheet
709Kb / 6P
   3-Pin Microprocessor Reset Circuit
logo
BCD Semiconductor Manuf...
AZ809A BCDSEMI-AZ809A Datasheet
234Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
AZ809A BCDSEMI-AZ809A_10 Datasheet
742Kb / 11P
   3-PIN MICROPROCESSOR RESET CIRCUIT
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
APX803_D DIODES-APX803_D Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
   Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com