전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM358PWRG4-JF 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 LM358PWRG4-JF
상세설명  Dual Operational Amplifiers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM358PWRG4-JF 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM358PWRG4-JF Datasheet HTML 2Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 3Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 4Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 5Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 6Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 7Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 8Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 9Page - Texas Instruments LM358PWRG4-JF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
SLOS068T – JUNE 1976 – REVISED APRIL 2015
www.ti.com
6.6 Electrical Characteristics for LM2904
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM2904
PARAMETER
TEST CONDITIONS
(1)
TA
(2)
UNIT
MIN
TYP
(3)
MAX
25°C
3
7
Non-A-suffix
VCC = 5 V to MAX,
devices
Full range
10
VIO
Input offset voltage
VIC = VICR(min),
mV
25°C
1
2
VO = 1.4 V
A-suffix devices
Full range
4
Average temperature coefficient
αVIO
Full range
7
μV/°C
of input offset voltage
25°C
2
50
Non-V device
Full range
300
IIO
Input offset current
VO = 1.4 V
nA
25°C
2
50
V-suffix device
Full range
150
Average temperature coefficient
αIIO
Full range
10
pA/°C
of input offset current
25°C
–20
–250
IIB
Input bias current
VO = 1.4 V
nA
Full range
–500
0 to
25°C
VCC – 1.5
Common-mode input
VICR
VCC = 5 V to MAX
V
voltage range
0 to
Full range
VCC – 2
RL ≥ 10 kΩ
25°C
VCC – 1.5
RL = 2 kΩ
Full range
22
VCC = MAX,
Non-V device
VOH
High-level output voltage
RL ≥ 10 kΩ
Full range
23
24
V
RL = 2 kΩ
Full range
26
VCC = MAX
V-suffix device
RL ≥ 10 kΩ
Full range
27
28
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
mV
VCC = 15 V,
25°C
25
100
Large-signal differential
AVD
VO = 1 V to 11 V,
V/mV
voltage amplification
Full range
15
RL ≥ 2 kΩ
Non-V device
25°C
50
80
VCC = 5V to MAX,
CMRR
Common-mode rejection ratio
dB
VIC = VICR(min)
V-suffix device
25°C
65
80
Supply-voltage rejection ratio
kSVR
VCC = 5 V to MAX
25°C
65
100
dB
(
ΔVCC /ΔVIO)
VO1/ VO2
Crosstalk attenuation
f = 1 kHz to 20 kHz
25°C
120
dB
VCC = 15 V,
25°C
–20
–30
VID = 1 V,
Source
Full range
–10
VO = 0
mA
VCC = 15 V,
25°C
10
20
IO
Output current
VID = –1 V,
Sink
Full range
5
VO = 15 V
Non-V device
25°C
30
VID = –1 V, VO = 200 mV
μA
V-suffix device
25°C
12
40
IOS
Short-circuit output current
VCC at 5 V, VO = 0, GND at −5 V
25°C
±40
±60
mA
VO = 2.5 V, No load
Full range
0.7
1.2
Supply current
ICC
mA
(four amplifiers)
VCC = MAX, VO = 0.5 VCC, No load
Full range
1
2
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 26 V for LM2902 and 32 V for LM2902V.
(2)
Full range is –55°C to 125°C for LM158, –25°C to 85°C for LM258, 0°C to 70°C for LM358, and –40°C to 125°C for LM2904.
(3)
All typical values are at TA = 25°C.
6.7 Electrical Characteristics for LM158A and LM258A
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
LM158A
LM258A
PARAMETER
TEST CONDITIONS
(1)
TA
(1)
UNIT
MIN
TYP
(2)
MAX
MIN
TYP
(2)
MAX
VCC = 5 V to 30 V,
25°C
2
2
3
VIO
Input offset voltage
VIC = VICR(min),
mV
Full range
4
4
VO = 1.4 V
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 26 V for LM2904 and 30 V for others.
(2)
All typical values are at TA = 25°C.
6
Submit Documentation Feedback
Copyright © 1976–2015, Texas Instruments Incorporated
Product Folder Links: LM158 LM258 LM258A LM358 LM358A LM2904 LM2904V


유사한 부품 번호 - LM358PWRG4-JF

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM358PWRG4-JF TI1-LM358PWRG4-JF Datasheet
1Mb / 47P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM358PWRG4-JF TI1-LM358PWRG4-JF Datasheet
2Mb / 48P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM358PWRG4-JF TI1-LM358PWRG4-JF Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM358PWRG4-JF TI1-LM358PWRG4-JF Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM358PWRG4-JF TI-LM358PWRG4-JF Datasheet
3Mb / 56P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
More results

유사한 설명 - LM358PWRG4-JF

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com