전자부품 데이터시트 검색엔진 |
|
DP83950B 데이터시트(PDF) 6 Page - National Semiconductor (TI) |
|
|
DP83950B 데이터시트(HTML) 6 Page - National Semiconductor (TI) |
6 / 80 page 20 Connection Diagram160 Pin PQFP Package (Continued) Pin Table (1 – 7 AUI a 8 – 13 TP Ports) Pin Name Pin No TXO12Pb 40 TXO12a 39 TXO12b 38 TXO12Pa 37 RXI12b 36 RXI12a 35 VCC 34 GND 33 RXI11b 32 RXI11a 31 TXO11Pa 30 TXO11b 29 TXO11a 28 TXO11Pb 27 VCC 26 GND 25 TXO10Pb 24 TXO10a 23 TXO10b 22 TXO10Pa 21 RXI10b 20 RXI10a 19 VCC 18 GND 17 RXI9b 16 RXI9a 15 TXO9Pa 14 TXO9b 13 TXO9a 12 TXO9Pb 11 VCC 10 GND 9 TXO8Pb 8 TXO8a 7 TXO8b 6 TXO8Pa 5 RXI8b 4 RXI8a 3 VCC 2 GND 1 Pin Name Pin No NC 160 RX7a 159 RX7b 158 CD7a 157 CD7b 156 TX7a 155 TX7b 154 VCC 153 GND 152 TX6b 151 TX6a 150 CD6b 149 CD6a 148 RX6a 147 RX6b 146 VCC 145 GND 144 RX5a 143 RX5b 142 CD5a 141 CD5b 140 TX5a 139 TX5b 138 VCC 137 GND 136 TX4b 135 TX4a 134 CD4b 133 CD4a 132 RX4a 131 RX4b 130 VCC 129 GND 128 RX3a 127 RX3b 126 CD3a 125 CD3b 124 TX3a 123 TX3b 122 NC 121 Pin Name Pin No VCC 120 GND 119 TX2b 118 TX2a 117 CD2b 116 CD2a 115 RX2a 114 RX2b 113 VCC 112 GND 111 RX1b 110 RX1a 109 CD1b 108 CD1a 107 TX1b 106 TX1a 105 VCC 104 GND 103 VCC 102 GND 101 CLKIN 100 RA4 99 RA3 98 RA2 97 RA1 96 RA0 95 VCC 94 GND 93 MLOAD 92 CDEC 91 WR 90 RD 89 D7 88 D6 87 D5 86 D4 85 D3 84 D2 83 D1 82 D0 81 Pin Name Pin No VCC 80 GND 79 IRC 78 IRE 77 IRD 76 COLN 75 VCC 74 GND 73 PKEN 72 RXMPLL 71 BUFEN 70 RDY 69 ELI 68 RTI 67 STR1 66 VCC 65 GND 64 STR0 63 ACTND 62 ANYXND 61 ACKO 60 MRXC 59 MEN 58 MRXD 57 MCRS 56 VCC 55 GND 54 ACKI 53 ACTNS 52 ANYXNS 51 PCOMP 50 NC 49 RXI13b 48 RXI13a 47 TXO13Pa 46 TXO13b 45 TXO13a 44 TXO13Pb 43 VCC 42 GND 41 Note NC e No Connect 6 |
유사한 부품 번호 - DP83950B |
|
유사한 설명 - DP83950B |