전자부품 데이터시트 검색엔진 |
|
SN74HC00NS 데이터시트(PDF) 7 Page - Texas Instruments |
|
SN74HC00NS 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 28 page VOLTAGE WAVEFORM INPUT RISE AND FALL TIMES 50% 50% 10% 10% 90% 90% VCC 0 V tr tf Input VOLTAGE WAVEFORMS PROPAGATION DELAY AND OUTPUT TRANSITION TIMES 50% 50% 50% 10% 10% 90% 90% VCC VOH VOL 0 V tr tf Input In-Phase Output 50% tPLH tPHL 50% 50% 10% 10% 90% 90% VOH VOL tr tf tPHL tPLH Out-of-Phase Output Test Point From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT 7 SN54HC00, SN74HC00 www.ti.com SCLS181F – DECEMBER 1982 – REVISED JULY 2016 Product Folder Links: SN54HC00 SN74HC00 Submit Documentation Feedback Copyright © 1982–2016, Texas Instruments Incorporated 7 Parameter Measurement Information NOTES: A. CL includes probe and test-fixture capacitance. B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns. C. The outputs are measured one at a time with one input transition per measurement. D. tPLH and tPHL are the same as tpd. Figure 2. Load Circuit and Voltage Waveforms |
유사한 부품 번호 - SN74HC00NS |
|
유사한 설명 - SN74HC00NS |