전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1538PBX 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN1538PBX
상세설명  Dual Channel 1A Low Dropout Linear Regulator with UVLO and Soft-start
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1538PBX 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN1538PBX Datasheet HTML 1Page - Fairchild Semiconductor FAN1538PBX Datasheet HTML 2Page - Fairchild Semiconductor FAN1538PBX Datasheet HTML 3Page - Fairchild Semiconductor FAN1538PBX Datasheet HTML 4Page - Fairchild Semiconductor FAN1538PBX Datasheet HTML 5Page - Fairchild Semiconductor FAN1538PBX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT SPECIFICATION
FAN1538
REV. 1.0.2 12/17/03
5
Mechanical Dimensions (continued)
5-Lead SPAK
L2
C
c1
c2
Seating Plane
0.005 (0.13)
0.001 (0.03)
R
Gage Plane
L1
5
1
B
A
L
D
b2
L3
M
0.010 (0,25)
0.004 (0,10)
3
°–6°
Thermal Ta b
(See Note 3)
E
Notes:
1.
All linear dimensions are in inches (millimeters).
2.
This drawing is subject to change without notice.
3. The center lead is in electrical contact with the thermal tab.
4. Dimensions do not include mold protrusions, not to exceed 0.006 (0,15).
A
0.360
0.350
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
B
0.220 NOM
0.268
0.070
C
0.080
c1
0.050
0.040
D
E
L
0.420
0.410
0.067
0.295 NOM
0
°
8
°
e
L1
α
c2
0.010 NOM
9.14
8.89
0.375
0.365
9.52
9.27
5.59 NOM
6.81
b1
b2
0.031
0.025
0.79
0.63
1.78
2.03
1.27
1.02
10.67
10.41
0.041
0.031
1.04
0.79
1.72
7.49 NOM
0.25 NOM
0
°
8
°
L2
0.360
0.350
9.14
8.89
L3
0.320
0.310
8.13
7.87
R
0.010 NOM
0.25 NOM
b1
e


유사한 부품 번호 - FAN1538PBX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537B FAIRCHILD-FAN1537B Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537DA FAIRCHILD-FAN1537DA Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537DB FAIRCHILD-FAN1537DB Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
FAN1537DC FAIRCHILD-FAN1537DC Datasheet
347Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results

유사한 설명 - FAN1538PBX

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
   Low Dropout Linear Regulator Controller with Soft-Start
logo
Texas Instruments
TPS74701DRCRG4 TI1-TPS74701DRCRG4 Datasheet
900Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74701 TI-TPS74701 Datasheet
728Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
logo
Diodes Incorporated
AP7173 DIODES-AP7173 Datasheet
399Kb / 15P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH PROGRAMMABLE SOFT-START
AP7173 Rev. 4
logo
Texas Instruments
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74701DRCTG4 TI-TPS74701DRCTG4 Datasheet
903Kb / 24P
[Old version datasheet]   500mA Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801DRCRG4 TI1-TPS74801DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com