전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC32DE4 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74HC32DE4
상세설명  Quadruple 2-Input Positive-OR Gates
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC32DE4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74HC32DE4 Datasheet HTML 4Page - Texas Instruments SN74HC32DE4 Datasheet HTML 5Page - Texas Instruments SN74HC32DE4 Datasheet HTML 6Page - Texas Instruments SN74HC32DE4 Datasheet HTML 7Page - Texas Instruments SN74HC32DE4 Datasheet HTML 8Page - Texas Instruments SN74HC32DE4 Datasheet HTML 9Page - Texas Instruments SN74HC32DE4 Datasheet HTML 10Page - Texas Instruments SN74HC32DE4 Datasheet HTML 11Page - Texas Instruments SN74HC32DE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
50%
50%
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
8
SN54HC32, SN74HC32
SCLS200E – DECEMBER 1982 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN54HC32 SN74HC32
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 2. Load Current
Figure 3. Input Rise and Fall Times
NOTES:
A.
CL includes probe and test-fixture capacitance.
B.
Phase relationship between waveforms were chosen arbitrarily. All input pulses are supplied
by generators having the following characteristics:
PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C.
The outputs are measured one at a time with one input transition per measurements.
D.
tPLH and tPHL are the same as tpd.
Figure 4. Propagation Delay and Output Transition Times


유사한 부품 번호 - SN74HC32DE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC32DE4 TI-SN74HC32DE4 Datasheet
518Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32DE4 TI-SN74HC32DE4 Datasheet
662Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32DE4 TI-SN74HC32DE4 Datasheet
699Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32DE4 TI1-SN74HC32DE4 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

유사한 설명 - SN74HC32DE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com