전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC132NS 데이터시트(PDF) 1 Page - Texas Instruments

부품명 SN74HC132NS
상세설명  Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC132NS 데이터시트(HTML) 1 Page - Texas Instruments

  SN74HC132NS Datasheet HTML 1Page - Texas Instruments SN74HC132NS Datasheet HTML 2Page - Texas Instruments SN74HC132NS Datasheet HTML 3Page - Texas Instruments SN74HC132NS Datasheet HTML 4Page - Texas Instruments SN74HC132NS Datasheet HTML 5Page - Texas Instruments SN74HC132NS Datasheet HTML 6Page - Texas Instruments SN74HC132NS Datasheet HTML 7Page - Texas Instruments SN74HC132NS Datasheet HTML 8Page - Texas Instruments SN74HC132NS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
A
B
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
On products compliant to MIL-PRF-38535, all parameters are
tested unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
SN54HC132
SN74HC132
SCLS034G – DECEMBER 1982 – REVISED JUNE 2016
SNx4HC132 Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
1
1 Features
1
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive up to 10 LSTTL Loads
Low Power Consumption, 20-µA Maximum ICC
Typical tpd = 14 ns
±4-mA Output Drive at 5 V
Low Input Current of 1 µA Maximum
Operation from Very Slow Input Transitions
Temperature-Compensated Threshold Levels
High Noise Immunity
Same Pinouts as SN74HC00
2 Applications
Electronic Points-of-Sale
Telecom Infrastructure
Network Switches
Tests and Measurements
3 Description
The SNx4HC132 device functions as a NAND gate,
but because of the Schmitt action, it has different
input threshold levels for positive and negative going
signals.
The
SNx4HC132
devices
perform
the
Boolean
function
Y = A • B or Y = A + B in positive logic.
These circuits are temperature compensated and can
be triggered from the slowest of input ramps and still
give clean jitter-free output signals.
Device Information(1)
PART NUMBER
PACKAGE
(PINS)
BODY SIZE (NOM)
SN54HC132J
CDIP (14)
19.56 mm × 6.67 mm
SN74HC132D
SOIC (14)
4.90 mm × 3.91 mm
SN74HC132N
PDIP (14)
19.30 mm × 6.35 mm
SN54HC132FK
LCCC (20)
8.89 mm × 8.89 mm
SN54HC132W
CFP (14)
9.21 mm × 5.97 mm
SN74HC132PW
TSSOP (14)
5.00 mm × 4.40 mm
SN74HC132NS
SO (14)
10.30 mm × 5.30 mm
SN74HC132DB
SSOP (14)
6.20 mm × 5.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


유사한 부품 번호 - SN74HC132NS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC132NSR TI-SN74HC132NSR Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74HC132NSRE4 TI-SN74HC132NSRE4 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results

유사한 설명 - SN74HC132NS

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com