전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC191DR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74HC191DR
상세설명  4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC191DR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74HC191DR Datasheet HTML 3Page - Texas Instruments SN74HC191DR Datasheet HTML 4Page - Texas Instruments SN74HC191DR Datasheet HTML 5Page - Texas Instruments SN74HC191DR Datasheet HTML 6Page - Texas Instruments SN74HC191DR Datasheet HTML 7Page - Texas Instruments SN74HC191DR Datasheet HTML 8Page - Texas Instruments SN74HC191DR Datasheet HTML 9Page - Texas Instruments SN74HC191DR Datasheet HTML 10Page - Texas Instruments SN74HC191DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SN54HC191, SN74HC191
4BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SCLS121D − DECEMBER 1982 − REVISED OCTOBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC191
SN74HC191
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
4.2
2.8
3.3
fclock
Clock frequency
4.5 V
21
14
17
MHz
fclock
Clock frequency
6 V
24
16
19
MHz
2 V
120
180
150
LOAD low
4.5 V
24
36
30
tw
Pulse duration
LOAD low
6 V
21
31
26
ns
tw
Pulse duration
2 V
120
180
150
ns
CLK high or low
4.5 V
24
36
30
CLK high or low
6 V
21
31
26
2 V
150
230
188
Data before LOAD
4.5 V
30
46
38
Data before LOAD
6 V
25
38
32
2 V
205
306
255
CTEN before CLK
4.5 V
41
61
51
tsu
Setup time
CTEN before CLK
6 V
35
53
44
ns
tsu
Setup time
2 V
205
306
255
ns
D/U before CLK
4.5 V
41
61
51
D/U before CLK
6 V
35
53
44
2 V
150
225
190
LOAD inactive before CLK
4.5 V
30
45
38
LOAD inactive before CLK
6 V
25
38
32
2 V
5
5
5
Data after LOAD
4.5 V
5
5
5
Data after LOAD
6 V
5
5
5
2 V
5
5
5
th
Hold time
CTEN after CLK
4.5 V
5
5
5
ns
th
Hold time
CTEN after CLK
6 V
5
5
5
ns
2 V
5
5
5
D/U after CLK
4.5 V
5
5
5
D/U after CLK
6 V
5
5
5


유사한 부품 번호 - SN74HC191DR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC191DR TI-SN74HC191DR Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN74HC191DRE4 TI-SN74HC191DRE4 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
More results

유사한 설명 - SN74HC191DR

제조업체부품명데이터시트상세설명
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS193A TI1-SN54ALS193A_15 Datasheet
404Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B_99 Datasheet
421Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54HC191 TI-SN54HC191 Datasheet
473Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS UP/DOWN BINARY COUNTERS
SN54LS169B TI-SN54LS169B Datasheet
823Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Hitachi Semiconductor
HD74LS669 HITACHI-HD74LS669 Datasheet
102Kb / 7P
   Synchronous Up/Down 4-bit Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_08 Datasheet
826Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com