전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2737 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2737
상세설명  LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2737 데이터시트(HTML) 2 Page - Texas Instruments

  LM2737 Datasheet HTML 1Page - Texas Instruments LM2737 Datasheet HTML 2Page - Texas Instruments LM2737 Datasheet HTML 3Page - Texas Instruments LM2737 Datasheet HTML 4Page - Texas Instruments LM2737 Datasheet HTML 5Page - Texas Instruments LM2737 Datasheet HTML 6Page - Texas Instruments LM2737 Datasheet HTML 7Page - Texas Instruments LM2737 Datasheet HTML 8Page - Texas Instruments LM2737 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
HG
BOOT
ISEN
LG
PGND
FB
Vcc
SD
PWGD
FREQ
SS
SGND
EAO
PGND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
LM2727, LM2737
SNVS205D – AUGUST 2002 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. 14-Lead Plastic TSSOP
θJA = 155°C/W
See Package Number PW0014A
PIN DESCRIPTION
BOOT (Pin 1) - Supply rail for the N-channel MOSFET gate drive. The voltage should be at least one gate threshold above the regulator
input voltage to properly turn on the high-side N-FET.
LG (Pin 2) - Gate drive for the low-side N-channel MOSFET. This signal is interlocked with HG to avoid shoot-through problems.
PGND (Pins 3, 13) - Ground for FET drive circuitry. It should be connected to system ground.
SGND (Pin 4) - Ground for signal level circuitry. It should be connected to system ground.
VCC (Pin 5) - Supply rail for the controller.
PWGD (Pin 6) - Power Good. This is an open drain output. The pin is pulled low when the chip is in UVP, OVP, or UVLO mode. During
normal operation, this pin is connected to VCC or other voltage source through a pull-up resistor.
ISEN (Pin 7) - Current limit threshold setting. This sources a fixed 50µA current. A resistor of appropriate value should be connected
between this pin and the drain of the low-side FET.
EAO (Pin 8) - Output of the error amplifier. The voltage level on this pin is compared with an internally generated ramp signal to determine
the duty cycle. This pin is necessary for compensating the control loop.
SS (Pin 9) - Soft start pin. A capacitor connected between this pin and ground sets the speed at which the output voltage ramps up. Larger
capacitor value results in slower output voltage ramp but also lower inrush current.
FB (Pin 10) - This is the inverting input of the error amplifier, which is used for sensing the output voltage and compensating the control
loop.
FREQ (Pin 11) - The switching frequency is set by connecting a resistor between this pin and ground.
SD (Pin 12) - IC Logic Shutdown. When this pin is pulled low the chip turns off the high side switch and turns on the low side switch. While
this pin is low, the IC will not start up. An internal 20µA pull-up connects this pin to VCC.
HG (Pin 14) - Gate drive for the high-side N-channel MOSFET. This signal is interlocked with LG to avoid shoot-through problems.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2727 LM2737


유사한 부품 번호 - LM2737

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2737 NSC-LM2737 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
Texas Instruments
LM2737 TI-LM2737 Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2737 TI-LM2737 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2737MTC TI-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
More results

유사한 설명 - LM2737

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2727 TI-LM2727_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2737MTCX TI-LM2737MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller for Low Output
LM2737MTC TI1-LM2737MTC Datasheet
1Mb / 31P
[Old version datasheet]   LM2727/LM2737 N-Channel FET Synchronous Buck Regulator Controller
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
logo
National Semiconductor ...
LM2742 NSC-LM2742 Datasheet
619Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM2727 NSC-LM2727 Datasheet
602Kb / 22P
   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
LM3743 NSC-LM3743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Controller for Low Output Voltages
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com